Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT1026ZD4I-45-T2 Arkusz danych(PDF) 6 Page - Catalyst Semiconductor

Numer części CAT1026ZD4I-45-T2
Szczegółowy opis  Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1026ZD4I-45-T2 Arkusz danych(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1026ZD4I-45-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1026ZD4I-45-T2 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CAT1026, CAT1027
Doc. No. MD-3010 Rev. M
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
VOLTAGE MONITOR AND RESET CIRCUIT AC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tPURST
Reset Timeout
Note 2
130
200
270
ms
tRDP
VTH to RESET Output Delay
Note 3
5
µs
tGLITCH
VCC Glitch Reject Pulse Width
Note 4, 5
30
ns
tWD
Watchdod Timeout
Note 1
1
1.0
1.6
2.1
s
tRPD2
VSENSE to VLOW Delay
Note 5
5
µs
POWER-UP TIMING
(6), (7)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tPUR
Power-Up to Read Operation
270
ms
tPUW
Power-Up to Write Operation
270
ms
AC TEST CONDITIONS
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Max
Units
NEND
(6)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(6)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(6)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH
(6)(8)
Latch-Up
JEDEC Standard 17
100
mA
Notes:
(1) Test Conditions according to “AC Test Conditions” table.
(2) Power-up, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table
(3) Power-Down, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table
(4) VCC Glitch Reference Voltage = VTHmin; Based on characterization data
5) 0 < VSENSE - VCC, VLOW Output Reference Voltage and Load according to “AC Test Conditions” Table.
(6) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(7) tPUR and tPUW are the delays required from the time VCC is stable until the specified memory operation can be initiated.
(8) Latch-up protection is provided for stresses up to 100mA on input and output pins from -1 V to VCC + 1 V.
Parameter
Test Conditions
Input Pulse Voltages
0.2VCC to 0.8VCC
Input Rise and Fall Times
10ns
Input Reference Voltages
0.3VCC, 0.7VCC
Output Reference Voltages
0.5VCC
Output Load
Current Source: IOL = 3mA; CL = 100pF


Podobny numer części - CAT1026ZD4I-45-T2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT1026ZD4I-45-GT2 CATALYST-CAT1026ZD4I-45-GT2 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026ZD4I-45-GT3 CATALYST-CAT1026ZD4I-45-GT3 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
More results

Podobny opis - CAT1026ZD4I-45-T2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT1026 CATALYST-CAT1026 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
CAT1026 ONSEMI-CAT1026 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1023WI-28 ONSEMI-CAT1023WI-28 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com