Zakładka z wyszukiwarką danych komponentów |
|
74LVXC4245 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
74LVXC4245 Arkusz danych(HTML) 5 Page - STMicroelectronics |
5 / 14 page 74LVXC4245 5/14 Table 8: Dynamic Switching Characteristics 1) Worst case package 2) Max number of output defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3V to threshold (VILD). 0V to threshold (VIHD) f = 1MHz Symbol Parameter Test Condition Value Unit VCCA (V) VCCB (V) TA = 25 °C -40 to 85 °C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VOLPA Dynamic Low Level Quiet Output (note 1, 2) 5.0 3.3 1.0 1.5 V 5.0 3.3 -1.2 -0.6 VOLPB Dynamic Low Level Quiet Output (note 1, 2) 5.0 3.3 0.8 1.2 V 5.0 3.3 -0.8 -0.5 VIHDA Dynamic High Voltage Input (note 1, 3) 5.0 3.3 2 V VILDA Dynamic Low Voltage Input (note 1, 3) 5.0 3.3 0.8 V VIHDB Dynamic High Voltage Input (note 1, 3) 5.0 3.3 2 V VILDB Dynamic Low Voltage Input (note 1, 3) 5.0 3.3 0.8 V |
Podobny numer części - 74LVXC4245 |
|
Podobny opis - 74LVXC4245 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |