Zakładka z wyszukiwarką danych komponentów |
|
CAT1027LI-30-GT3 Arkusz danych(PDF) 6 Page - Catalyst Semiconductor |
|
CAT1027LI-30-GT3 Arkusz danych(HTML) 6 Page - Catalyst Semiconductor |
6 / 20 page CAT1026, CAT1027 Doc. No. MD-3010 Rev. M 6 © Catalyst Semiconductor, Inc. Characteristics subject to change without notice VOLTAGE MONITOR AND RESET CIRCUIT AC CHARACTERISTICS Symbol Parameter Test Conditions Min Typ Max Units tPURST Reset Timeout Note 2 130 200 270 ms tRDP VTH to RESET Output Delay Note 3 5 µs tGLITCH VCC Glitch Reject Pulse Width Note 4, 5 30 ns tWD Watchdod Timeout Note 1 1 1.0 1.6 2.1 s tRPD2 VSENSE to VLOW Delay Note 5 5 µs POWER-UP TIMING (6), (7) Symbol Parameter Test Conditions Min Typ Max Units tPUR Power-Up to Read Operation 270 ms tPUW Power-Up to Write Operation 270 ms AC TEST CONDITIONS RELIABILITY CHARACTERISTICS Symbol Parameter Reference Test Method Min Max Units NEND (6) Endurance MIL-STD-883, Test Method 1033 1,000,000 Cycles/Byte TDR (6) Data Retention MIL-STD-883, Test Method 1008 100 Years VZAP (6) ESD Susceptibility MIL-STD-883, Test Method 3015 2000 Volts ILTH (6)(8) Latch-Up JEDEC Standard 17 100 mA Notes: (1) Test Conditions according to “AC Test Conditions” table. (2) Power-up, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table (3) Power-Down, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table (4) VCC Glitch Reference Voltage = VTHmin; Based on characterization data 5) 0 < VSENSE - VCC, VLOW Output Reference Voltage and Load according to “AC Test Conditions” Table. (6) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. (7) tPUR and tPUW are the delays required from the time VCC is stable until the specified memory operation can be initiated. (8) Latch-up protection is provided for stresses up to 100mA on input and output pins from -1 V to VCC + 1 V. Parameter Test Conditions Input Pulse Voltages 0.2VCC to 0.8VCC Input Rise and Fall Times 10ns Input Reference Voltages 0.3VCC, 0.7VCC Output Reference Voltages 0.5VCC Output Load Current Source: IOL = 3mA; CL = 100pF |
Podobny numer części - CAT1027LI-30-GT3 |
|
Podobny opis - CAT1027LI-30-GT3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |