Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCF4098BEY Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części HCF4098BEY
Szczegółowy opis  DUAL MONOSTABLE MULTIVIBRATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4098BEY Arkusz danych(HTML) 2 Page - STMicroelectronics

  HCF4098BEY Datasheet HTML 1Page - STMicroelectronics HCF4098BEY Datasheet HTML 2Page - STMicroelectronics HCF4098BEY Datasheet HTML 3Page - STMicroelectronics HCF4098BEY Datasheet HTML 4Page - STMicroelectronics HCF4098BEY Datasheet HTML 5Page - STMicroelectronics HCF4098BEY Datasheet HTML 6Page - STMicroelectronics HCF4098BEY Datasheet HTML 7Page - STMicroelectronics HCF4098BEY Datasheet HTML 8Page - STMicroelectronics HCF4098BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HCF4098B
2/10
An unused RESET input should be tied to VDD .
However, if an entire section of the HCF4098B is
not used, its reset should be tied to VSS (see table
1). In normal operation the circuit triggers (extends
the output pulse one period) on the application of
each new trigger pulse. For operation in the
non-retiggerable mode, Q is connected to -TR
when leading edge triggering (+TR) is used or Q is
connected to +TR when trailing edge triggering
(-TR) is used. The time period (T) for this
multivibrator can be calculated by : T = 1/2 RX CX
for CX > 0.01µF. The min. value of external
resistance, RX, is 5KΩ. The max. values of
external capacitance, CX, is 100 µF. The output
pulse width has variations of
±2.5% typically, over
the temperature range of -55
°C to 125 °C for
CX=1000pF and RX = 100KΩ . For power supply
variation of
±5% typically , for V
DD = 10V and 15V
and
±1% typically for V
DD = 5V at CX = 1000pF
and RX = 5KΩ .
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
4, 12
+TR
Leading Trigger Inputs
5, 11
-TR
Trailing Trigger Inputs
3, 13
RESET
Reset Inputs
1, 15
CX1, CX2
External Capacitors
2, 14
RXCX1
RXCX2
External resistors to Vdd
6, 7
Q1, Q1
Ouputs Mono 1
10, 9
Q2, Q2
Outputs Mono 2
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage


Podobny numer części - HCF4098BEY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCF4098BEY STMICROELECTRONICS-HCF4098BEY Datasheet
324Kb / 14P
   DUAL MONOSTABLE MULTIVIBRATOR
HCF4098BEY STMICROELECTRONICS-HCF4098BEY Datasheet
236Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
More results

Podobny opis - HCF4098BEY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com