Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG527AKP Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG527AKP
Szczegółowy opis  CMOS Latched 8-/16-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG527AKP Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG527AKP Datasheet HTML 7Page - Analog Devices ADG527AKP Datasheet HTML 8Page - Analog Devices ADG527AKP Datasheet HTML 9Page - Analog Devices ADG527AKP Datasheet HTML 10Page - Analog Devices ADG527AKP Datasheet HTML 11Page - Analog Devices ADG527AKP Datasheet HTML 12Page - Analog Devices ADG527AKP Datasheet HTML 13Page - Analog Devices ADG527AKP Datasheet HTML 14Page - Analog Devices ADG527AKP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 11 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
The multiplexers are guaranteed functional with reduced single or dual supplies down to 4.5 V.
700
0
100
200
300
400
500
600
–20
–15
–10
–5
0
5
10
15
20
VD (VS) (V)
VDD = 10.8V
VSS = 0V
VDD = 15V
VSS = 0V
Figure 7. RON as a Function of VD (VS): Single-Supply Voltage, TA = 25°C
700
0
100
200
300
400
500
600
–20
–15
–10
–5
0
5
10
15
20
VD (VS) (V)
VDD = +5V
VSS = –5V
VDD = +10.8V
VSS = –10.8V
VDD = +15V
VSS = –15V
Figure 8. RON as a Function of VD (VS): Dual-Supply Voltage, TA = 25°C
100
10
1
0.1
0.01
25
35
45
55
65
75
85
95
105
115
125
TEMPERATURE (°C)
ID (ON)
ID (OFF)
VDD = +16.5V
VSS = –16.5V
IS (OFF)
Figure 9. Leakage Current as a Function of Temperature (Leakage Currents
Reduce as the Supply Voltages Reduce)
1.9
1.8
1.7
1.6
1.5
56789
10
11
12
13
14
15
SUPPLY VOLTAGE (V)
Figure 10. Trigger Levels vs. Power Supply Voltage, Dual or Single Supply,
TA = 25°C
800
100
200
300
400
500
600
700
56789
10
11
12
13
14
15
SUPPLY VOLTAGE (V)
SINGLE
SUPPLY
DUAL
SUPPLY
Figure 11. tTRANSITION vs. Supply Voltage: Dual and Single Supplies, TA = 25°C
(Note: For VDD and VSS <10 V; V1 = VDD/VSS, V2 = VSS/VDD; See Figure 20)
1.0
0.8
0.6
0.4
0.2
0
56789
10
11
12
13
15
17
14
16
SUPPLY VOLTAGE (V)
Figure 12. IDD vs. Supply Voltage: Dual or Single Supply, TA = 25°C


Podobny numer części - ADG527AKP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG527AKP AD-ADG527AKP Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
More results

Podobny opis - ADG527AKP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
5962-8971001XA AD-5962-8971001XA Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
ADG527A AD-ADG527A_15 Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528A AD-ADG528A_04 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKPZ AD-ADG528AKPZ Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKNZ AD-ADG528AKNZ Datasheet
146Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A Datasheet
673Kb / 8P
   CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com