Zakładka z wyszukiwarką danych komponentów |
|
ADG527AKPZ Arkusz danych(PDF) 9 Page - Analog Devices |
|
ADG527AKPZ Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 20 page ADG526A/ADG527A Rev. C | Page 9 of 20 DA VSS S8A S7A S6A S5A S4A S3A S2A S1A EN A0 A1 A2 VDD DB S8B S7B S6B S5B S4B S3B S2B S1B GND NC RS WR 1 2 3 4 28 27 26 25 5 6 7 24 23 22 8 21 9 20 10 19 11 18 12 17 13 16 14 15 NC = NO CONNECT ADG527A TOP VIEW (Not to Scale) Figure 5. ADG527A PDIP, SOIC Pin Configuration 128 27 26 2 3 4 5 6 7 8 9 10 11 25 24 23 22 21 20 19 NC = NO CONNECT S7B S6B S5B S4B S3B S2B S1B S7A S6A S5A S4A S3A S2A S1A PIN 1 IDENTFIER 12 13 14 15 16 17 18 ADG527A TOP VIEW (Not to Scale) Figure 6. ADG527A PLCC Pin Configuration Table 5. ADG527A Pin Function Descriptions Pin No. Mnemonic Description 1 VDD Most Positive Power Supply Potential. 2 DB Drain Terminal. This pin can be an input or output. 3 RS Reset. The RS signal clears both the address and enable data in the latches resulting in no output (all switches off). 4 S8B Source Terminal. This pin can be an input or output. 5 S7B Source Terminal. This pin can be an input or output. 6 S6B Source Terminal. This pin can be an input or output. 7 S5B Source Terminal. This pin can be an input or output. 8 S4B Source Terminal. This pin can be an input or output. 9 S3B Source Terminal. This pin can be an input or output. 10 S2B Source Terminal. This pin can be an input or output. 11 S1B Source Terminal. This pin can be an input or output. 12 GND Ground (0 V) Reference. 13 WR Write. The WR signal latches the state of the address control lines and the enable line. 14 NC No Connect. 15 A2 Logic Control Inputs. Selects which source terminal is connected to the drain (D). 16 A1 Logic Control Inputs. Selects which source terminal is connected to the drain (D). 17 A0 Logic Control Inputs. Selects which source terminal is connected to the drain (D). 18 EN Enable. Active high logic control input. 19 S1A Source Terminal. This pin can be an input or output. 20 S2A Source Terminal. This pin can be an input or output. 21 S3A Source Terminal. This pin can be an input or output. 22 S4A Source Terminal. This pin can be an input or output. 23 S5A Source Terminal. This pin can be an input or output. 24 S6A Source Terminal. This pin can be an input or output. 25 S7A Source Terminal. This pin can be an input or output. 26 S8A Source Terminal. This pin can be an input or output. 27 VSS Most Negative Power Supply Potential. 28 DA Drain Terminal. This pin can be an input or output. |
Podobny numer części - ADG527AKPZ |
|
Podobny opis - ADG527AKPZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |