Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC40103-Q1 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części CD74HC40103-Q1
Szczegółowy opis  HIGH-SPEED CMOS LOGIC 8-STAGE SYCROOS,
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40103-Q1 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CD74HC40103-Q1 Datasheet HTML 2Page - Texas Instruments CD74HC40103-Q1 Datasheet HTML 3Page - Texas Instruments CD74HC40103-Q1 Datasheet HTML 4Page - Texas Instruments CD74HC40103-Q1 Datasheet HTML 5Page - Texas Instruments CD74HC40103-Q1 Datasheet HTML 6Page - Texas Instruments CD74HC40103-Q1 Datasheet HTML 7Page - Texas Instruments CD74HC40103-Q1 Datasheet HTML 8Page - Texas Instruments CD74HC40103-Q1 Datasheet HTML 9Page - Texas Instruments CD74HC40103-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CD74HC40103Q1
HIGHSPEED CMOS LOGIC
8STAGE SYNCHRONOUS DOWN COUNTER
SCLS547A − OCTOBER 2003 − REVISED APRIL 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
TC
2 V
300
450
TC
(asynchronous
CL = 50 pF
4.5 V
60
90
(asynchronous
preset)
CL = 50 pF
6 V
51
77
CP
preset)
CL = 15 pF
5 V
25
CP
TC
2 V
300
450
TC
(synchronous
CL = 50 pF
4.5 V
60
90
(synchronous
preset)
CL = 50 pF
6 V
51
77
preset)
CL = 15 pF
5 V
25
2 V
200
300
tpd
TE
TC
CL = 50 pF
4.5 V
40
60
ns
tpd
TE
TC
CL = 50 pF
6 V
34
51
ns
CL = 15 pF
5 V
17
2 V
275
415
PL
TC
CL = 50 pF
4.5 V
55
83
PL
TC
CL = 50 pF
6 V
47
71
CL = 15 pF
5 V
23
2 V
275
415
MR
TC
CL = 50 pF
4.5 V
55
83
MR
TC
CL = 50 pF
6 V
47
71
CL = 15 pF
5 V
23
2 V
75
110
tt
CL = 50 pF
4.5 V
15
22
ns
tt
CL = 50 pF
6 V
13
19
ns
fmax
CP
CL = 15 pF
5 V
25
MHz
operating characteristics, VCC = 5 V, TA = 25°C, input tr, tf = 6 ns
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance (see Note 5)
25
pF
NOTE 5: Cpd is used to determine the dynamic power consumption per package.
PD = (Cpd × VCC2 × fi) + (CL × VCC2 × fO)
fI = input frequency
fO = output frequency
CL = output load capacitance
VCC = supply voltage


Podobny numer części - CD74HC40103-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
More results

Podobny opis - CD74HC40103-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_07 Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com