Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS688DWR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ALS688DWR
Szczegółowy opis  8-BIT IDENTITY COMPARATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS688DWR Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74ALS688DWR Datasheet HTML 1Page - Texas Instruments SN74ALS688DWR Datasheet HTML 2Page - Texas Instruments SN74ALS688DWR Datasheet HTML 3Page - Texas Instruments SN74ALS688DWR Datasheet HTML 4Page - Texas Instruments SN74ALS688DWR Datasheet HTML 5Page - Texas Instruments SN74ALS688DWR Datasheet HTML 6Page - Texas Instruments SN74ALS688DWR Datasheet HTML 7Page - Texas Instruments SN74ALS688DWR Datasheet HTML 8Page - Texas Instruments SN74ALS688DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54ALS688, SN74ALS688
8-BIT IDENTITY COMPARATORS
SDAS228A – JUNE 1982 – REVISED JANUARY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54ALS688
SN74ALS688
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
–1
– 2.6
mA
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS688
SN74ALS688
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
– 1.5
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
VCC =4 5V
IOH = – 1 mA
2.4
3.3
V
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.3
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
ICC
VCC = 5.5 V,
See Note 1
12
19
12
19
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 1: ICC is measured with G grounded, P and Q at 4.5 V.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
(INPUT)
(OUTPUT)
SN54ALS688
SN74ALS688
MIN
MAX
MIN
MAX
tPLH
P
PQ
3
16
3
12
ns
tPHL
P
P = Q
5
25
5
20
ns
tPLH
Q
PQ
3
16
3
12
ns
tPHL
Q
P = Q
5
25
5
20
ns
tPLH
G
P=Q
3
15
3
12
ns
tPHL
G
P = Q
5
25
5
22
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Podobny numer części - SN74ALS688DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS688DWR TI-SN74ALS688DWR Datasheet
493Kb / 14P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74ALS688DWR TI-SN74ALS688DWR Datasheet
544Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74ALS688DWRE4 TI-SN74ALS688DWRE4 Datasheet
493Kb / 14P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74ALS688DWRE4 TI-SN74ALS688DWRE4 Datasheet
544Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74ALS688DWRG4 TI-SN74ALS688DWRG4 Datasheet
544Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results

Podobny opis - SN74ALS688DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
54AC11521 TI1-54AC11521_09 Datasheet
87Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F521 TI-SN54F521_07 Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54AL520 TI-SN54AL520 Datasheet
138Kb / 9P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI-SN54HC688_07 Datasheet
518Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F520 TI-SN54F520 Datasheet
74Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI1-SN54ALS520_16 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI1-SN54HC688_16 Datasheet
1Mb / 19P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI-SN54ALS520_06 Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_07 Datasheet
544Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
74ACT11520 TI1-74ACT11520 Datasheet
105Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com