Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74BCT646DWE4 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74BCT646DWE4
Szczegółowy opis  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT646DWE4 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74BCT646DWE4 Datasheet HTML 1Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 2Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 3Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 4Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 5Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 6Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 7Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 8Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54BCT646, SN74BCT646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS037D − AUGUST 1989 − REVISED MAY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
D Bus Transceivers/Registers
D Independent Registers and Enables for
A and B Buses
D Multiplexed Real-Time and Stored Data
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
CLKAB
SAB
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLKBA
SBA
OE
B1
B2
B3
B4
B5
B6
B7
B8
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SN54BCT646 ...JT OR W PACKAGE
SN74BCT646 . . . DW OR NT PACKAGE
(TOP VIEW)
5
6
7
8
9
10
11
25
24
23
22
21
20
19
432
1 28
12 13 14 15 16
OE
B1
B2
NC
B3
B4
B5
A1
A2
A3
NC
A4
A5
A6
SN54BCT646...FK PACKAGE
(TOP VIEW)
17 18
27 26
NC − No internal connection
description/ordering information
These devices consist of bus transceiver circuits, D-type flip-flops, and control circuitry arranged for multiplexed
transmission of data directly from the input bus or from the internal registers. Data on the A or B bus is clocked
into the registers on the low-to-high transition of the appropriate clock (CLKAB or CLKBA) input. Figure 1
illustrates the four fundamental bus-management functions that can be performed with the ’BCT646 devices.
Output-enable (OE) and direction-control (DIR) inputs are provided to control the transceiver functions. In the
transceiver mode, data present at the high-impedance port can be stored in either register or in both.
The select-control (SAB and SBA) inputs can multiplex stored and real-time (transparent mode) data. The
direction control (DIR) determines which bus will receive data when OE is low. In the isolation mode (OE high),
A data can be stored in one register and/or B data can be stored in the other register.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − NT
Tube
SN74BCT646NT
SN74BCT646NT
0
°C to 70°C
SOIC − DW
Tube
SN74BCT646DW
BCT646
0 C to 70 C
SOIC − DW
Tape and reel
SN74BCT646DWR
BCT646
CDIP − JT
Tube
SNJ54BCT646JT
SNJ54BCT646JT
−55
°C to 125°C
CFP − W
Tube
SNJ54BCT646W
SNJ54BCT646W
−55 C to 125 C
LCCC − FK
Tube
SNJ54BCT646FK
SNJ54BCT646FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Podobny numer części - SN74BCT646DWE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74BCT646DWE4 TI-SN74BCT646DWE4 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74BCT646DWE4 TI-SN74BCT646DWE4 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74BCT646DWE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com