Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148WT Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 1N4148WT
Szczegółowy opis  High Conductance Fast Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4148WT Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  1N4148WT Datasheet HTML 1Page - Fairchild Semiconductor 1N4148WT Datasheet HTML 2Page - Fairchild Semiconductor 1N4148WT Datasheet HTML 3Page - Fairchild Semiconductor 1N4148WT Datasheet HTML 4Page - Fairchild Semiconductor 1N4148WT Datasheet HTML 5Page - Fairchild Semiconductor 1N4148WT Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4148WT / 1N4448WT / 1N914BWT Rev. 1.0
3
Typical Performance Characteristics
Power Derating Curve
Temperature [°C]
0
25
50
75
100
125
150
175
0
50
100
150
200
250
Reverse Current vs Reverse Voltage
Reverse Voltage, V
R[V]
10
20
30
40
50
60
70
80
90
100
10-1
100
101
102
103
104
105
Ta=150°C
Ta=25°C
Ta=-40°C


Podobny numer części - 1N4148WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
1N4148WT DIODES-1N4148WT Datasheet
65Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30396 Rev. 6 - 2
logo
Jiangsu Changjiang Elec...
1N4148WT JIANGSU-1N4148WT Datasheet
681Kb / 4P
   FAST SWITCHING DIODE
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
   Small-Signal Fast Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
1N4148WT SEMTECH_ELEC-1N4148WT Datasheet
237Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1N4148WT BILIN-1N4148WT Datasheet
166Kb / 4P
   High Speed Switching Diode
More results

Podobny opis - 1N4148WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
1N4148WT AITSEMI-1N4148WT Datasheet
283Kb / 5P
   SWITCHING DIODE HIGH CONDUCTANCE FAST SWITCHING DIODE
REV1.0
logo
Fairchild Semiconductor
MMSD4148 FAIRCHILD-MMSD4148 Datasheet
22Kb / 2P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154 Datasheet
129Kb / 5P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154_09 Datasheet
162Kb / 3P
   High Conductance Fast Diode
MMBD4448 FAIRCHILD-MMBD4448 Datasheet
41Kb / 5P
   High Conductance Fast Diode
MMSD914 FAIRCHILD-MMSD914 Datasheet
22Kb / 3P
   High Conductance Fast Diode
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com