Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1602A Arkusz danych(PDF) 4 Page - Isahaya Electronics Corporation

Numer części 2SA1602A
Szczegółowy opis  FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISAHAYA [Isahaya Electronics Corporation]
Strona internetowa  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SA1602A Arkusz danych(HTML) 4 Page - Isahaya Electronics Corporation

  2SA1602A Datasheet HTML 1Page - Isahaya Electronics Corporation 2SA1602A Datasheet HTML 2Page - Isahaya Electronics Corporation 2SA1602A Datasheet HTML 3Page - Isahaya Electronics Corporation 2SA1602A Datasheet HTML 4Page - Isahaya Electronics Corporation 2SA1602A Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
< SMALL-SIGNAL TRANSISTOR >
2SA1235A
2SA1602A
2SA1993
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON
PNP EPITAXIAL TYPE(Super mini type)
ISAHAYA ELECTRONICS CORPORATION
COMMON EMITTER OUTPUT
IB=0
0.02mA
0.04mA
0.06mA
0.08mA
0.10mA
0.12mA
0.14mA
0.16mA
0.18mA
-0
-10
-20
-30
-40
-50
-0
-1
-2
-3
-4
-5
COLLECTOR EMITTER VOLTAGE VCE(V)
Ta=25℃
COMMON EMITTER TRANSFER
-0
-10
-20
-30
-40
-50
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
BASE TO EMITTER VOLTAGE VBE(V)
Ta=25℃
VCE=-6V
DC FORWARD CURRENT GAIN
VS. COLLECTOR CURRENT
1
10
100
1000
10000
-0.1
-1
-10
-100
-1000
COLLECTOR CURRENT IC(mA)
Ta=25℃
VCE=-6V
100(@IC=-1mA)
GAIN BAND WIDTH PRODUCT
VS. EMITTER CURRENT
0
50
100
150
200
250
0.1
1
10
100
EMITTER CURRENT IE(mA)
Ta=25℃
VCE=-6V
COLLECTOR OUTPUT CAPACITANCE
VS. COLLECTOR TO BASE VOLTAGE
0.1
1
10
100
-0.1
-1
-10
-100
COLLECTOR TO BASE VOLTAGE VCB(V)
Ta=25℃
IE=0
f=1MHz


Podobny numer części - 2SA1602A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Isahaya Electronics Cor...
2SA1602 ISAHAYA-2SA1602 Datasheet
339Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE (SUPER MINI TYPE)
More results

Podobny opis - 2SA1602A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Isahaya Electronics Cor...
2SA1602 ISAHAYA-2SA1602 Datasheet
339Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE (SUPER MINI TYPE)
2SA1603A ISAHAYA-2SA1603A Datasheet
133Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
2SA1530A ISAHAYA-2SA1530A Datasheet
442Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Ultra super mini type)
2SA1235 ISAHAYA-2SA1235 Datasheet
176Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(mini type)
RT1A3906-T122 ISAHAYA-RT1A3906-T122 Datasheet
517Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(mini type)
INA5002AC1 ISAHAYA-INA5002AC1 Datasheet
397Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
2SC5383 ISAHAYA-2SC5383 Datasheet
213Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE(Ultra super mini type)
logo
List of Unclassifed Man...
2SA1530A ETC-2SA1530A Datasheet
92Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
INA6005AP1 ISAHAYA-INA6005AP1 Datasheet
118Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6006AP1 ISAHAYA-INA6006AP1 Datasheet
169Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com