Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS1621B-48LQFP Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części SS1621B-48LQFP
Szczegółowy opis  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621B-48LQFP Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SS1621B-48LQFP Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621B-48LQFP Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621B-48LQFP Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1621B-48LQFP Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1621B-48LQFP Datasheet HTML 11Page - List of Unclassifed Manufacturers SS1621B-48LQFP Datasheet HTML 12Page - List of Unclassifed Manufacturers SS1621B-48LQFP Datasheet HTML 13Page - List of Unclassifed Manufacturers SS1621B-48LQFP Datasheet HTML 14Page - List of Unclassifed Manufacturers SS1621B-48LQFP Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SS1621
p. 11
Last update: 2008-06-03 04:36
Timing Diagrams
READ mode (command code: 110 )
READ mode (successive address reading)
WRITE mode (command code: 101 )
WRITE mode (successive address writing)
D0 D1 D2 D3
A3 A2 A1 A0
A5 A4
1
1
0
D0 D1 D2 D3
A3 A2 A1 A0
A5 A4
1
10
Memory Address 1 (MA1) Data (MA1)
Memory Address 2 (MA2) Data (MA2)
DATA
CS
WR
RD
D0 D1 D2 D3
A3 A2 A1 A0
A5 A4
1
1
0
D0 D1 D2 D3 D0 D1 D2 D3 D0 D1 D2 D3 D0
Memory Address (MA)
Data (MA)
Data (MA+1)
Data (MA+2)
Data (MA+3)
DATA
CS
WR
RD
Memory Address 1 (MA1) Data (MA1)
D0 D1 D2 D3
A3 A2 A1 A0
A5 A4
0
1
1
D0 D1 D2 D3
A3 A2 A1 A0
A5 A4
0
11
Memory Address 2 (MA2) Data (MA2)
DATA
CS
WR
D0 D1 D2 D3
A3 A2 A1 A0
A5 A4
0
1
1
D0 D1 D2 D3 D0 D1 D2 D3 D0 D1 D2 D3 D0
Memory Address (MA)
Data (MA)
Data (MA+1)
Data (MA+2)
Data (MA+3)
DATA
CS
WR


Podobny numer części - SS1621B-48LQFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Kingtronics Internation...
SS16 KINGTRONICS-SS16 Datasheet
347Kb / 2P
   1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Podobny opis - SS1621B-48LQFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ESC1621 ETC-ESC1621 Datasheet
56Kb / 7P
   RAM Mapping 32 X 4 LCD Controller for I/O uC
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
   RAM Mapping 328 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com