Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-BF534BBCZ-4A Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADSP-BF534BBCZ-4A
Szczegółowy opis  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF534BBCZ-4A Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADSP-BF534BBCZ-4A Datasheet HTML 2Page - Analog Devices ADSP-BF534BBCZ-4A Datasheet HTML 3Page - Analog Devices ADSP-BF534BBCZ-4A Datasheet HTML 4Page - Analog Devices ADSP-BF534BBCZ-4A Datasheet HTML 5Page - Analog Devices ADSP-BF534BBCZ-4A Datasheet HTML 6Page - Analog Devices ADSP-BF534BBCZ-4A Datasheet HTML 7Page - Analog Devices ADSP-BF534BBCZ-4A Datasheet HTML 8Page - Analog Devices ADSP-BF534BBCZ-4A Datasheet HTML 9Page - Analog Devices ADSP-BF534BBCZ-4A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Rev. E
|
Page 6 of 68
|
March 2008
ADSP-BF534/ADSP-BF536/ADSP-BF537
Booting
The Blackfin processor contains a small on-chip boot kernel,
which configures the appropriate peripheral for booting. If the
Blackfin processor is configured to boot from boot ROM mem-
ory space, the processor starts executing from the on-chip boot
ROM. For more information, see Booting Modes on Page 16.
Event Handling
The event controller on the Blackfin processor handles all asyn-
chronous and synchronous events to the processor. The
Blackfin processor provides event handling that supports both
nesting and prioritization. Nesting allows multiple event service
routines to be active simultaneously. Prioritization ensures that
servicing of a higher priority event takes precedence over servic-
ing of a lower priority event. The controller provides support for
five different types of events:
• Emulation – An emulation event causes the processor to
enter emulation mode, allowing command and control of
the processor via the JTAG interface.
• Reset – This event resets the processor.
• Nonmaskable Interrupt (NMI) – The NMI event can be
generated by the software watchdog timer or by the NMI
input signal to the processor. The NMI event is frequently
used as a power-down indicator to initiate an orderly shut-
down of the system.
• Exceptions – Events that occur synchronously to program
flow (in other words, the exception is taken before the
instruction is allowed to complete). Conditions such as
data alignment violations and undefined instructions cause
exceptions.
• Interrupts – Events that occur asynchronously to program
flow. They are caused by input pins, timers, and other
peripherals, as well as by an explicit software instruction.
Each event type has an associated register to hold the return
address and an associated return-from-event instruction. When
an event is triggered, the state of the processor is saved on the
supervisor stack.
The Blackfin processor event controller consists of two stages:
the core event controller (CEC) and the system interrupt con-
troller (SIC). The core event controller works with the system
interrupt controller to prioritize and control all system events.
Figure 3. ADSP-BF534/ADSP-BF536/ADSP-BF537 Memory Maps
RESERVED
CORE MMR REGISTERS (2M BYTES)
RESERVED
SCRATCHPAD SRAM (4K BYTES)
INSTRUCTIONBANKBSRAM(16KBYTES)
SYSTEM MMR REGISTERS (2M BYTES)
RESERVED
RESERVED
DATA BANK B SRAM/CACHE (16K BYTES)
DATABANKBSRAM (16KBYTES)
DATA BANK A SRAM/CACHE (16K BYTES)
ASYNC MEMORY BANK 3 (1M BYTES)
ASYNC MEMORY BANK 2 (1M BYTES)
ASYNC MEMORY BANK 1 (1M BYTES)
ASYNC MEMORY BANK 0 (1M BYTES)
SDRAM MEMORY (16M BYTES TO 512M BYTES)
INSTRUCTION SRAM/CACHE (16K BYTES)
0xFFFF FFFF
0xFFE0 0000
0xFFB0 0000
0xFFA1 4000
0xFFA1 0000
0xFF90 8000
0xFF90 4000
0xFF80 8000
0xFF80 4000
0x2040 0000
0x2030 0000
0x2020 0000
0x2010 0000
0x2000 0000
0xEF00 0000
0x0000 0000
0xFFC0 0000
0xFFB0 1000
0xFFA0 0000
DATABANKASRAM (16KBYTES)
0xFF90 0000
0xFF80 0000
RESERVED
RESERVED
0xFFA0 C000
0xFFA0 8000
INSTRUCTIONBANKASRAM(32KBYTES)
RESERVED
BOOT ROM (2K BYTES)
0xEF00 0800
ADSP-BF534/ADSP-BF537 MEMORY MAP
RESERVED
CORE MMR REGISTERS (2M BYTES)
RESERVED
SCRATCHPAD SRAM (4K BYTES)
INSTRUCTION BANK B SRAM (16K BYTES)
SYSTEM MMR REGISTERS (2M BYTES)
RESERVED
RESERVED
DATA BANK B SRAM/CACHE (16K BYTES)
DATA BANK A SRAM/CACHE (16K BYTES)
ASYNC MEMORY BANK 3 (1M BYTES)
ASYNC MEMORY BANK 2 (1M BYTES)
ASYNC MEMORY BANK 1 (1M BYTES)
ASYNC MEMORY BANK 0 (1M BYTES)
SDRAM MEMORY (16M BYTES TO 512M BYTES)
INSTRUCTION SRAM/CACHE (16K BYTES)
0xFFFF FFFF
0xFFE0 0000
0xFFB0 0000
0xFFA1 4000
0xFFA1 0000
0xFF90 8000
0xFF90 4000
0xFF80 8000
0xFF80 4000
0x2040 0000
0x2030 0000
0x2020 0000
0x2010 0000
0x2000 0000
0xEF00 0000
0x0000 0000
0xFFC0 0000
0xFFB0 1000
0xFFA0 0000
0xFF90 0000
0xFF80 0000
RESERVED
RESERVED
0xFFA0 C000
0xFFA0 8000
INSTRUCTION BANK A SRAM (32K BYTES)
RESERVED
RESERVED
RESERVED
BOOT ROM (2K BYTES)
0xEF00 0800
ADSP-BF536 MEMORY MAP


Podobny numer części - ADSP-BF534BBCZ-4A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF534BBCZ-4A AD-ADSP-BF534BBCZ-4A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
More results

Podobny opis - ADSP-BF534BBCZ-4A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com