Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


1010L-002 Datasheet(Arkusz danych) 1 Page - List of Unclassifed Manufacturers

Numer części 1010L-002
Szczegółowy opis  DIGITAL ACCELEROMETER
Pobierz  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo 

   
 1 page
background image
Silicon Designs, Inc. ! 1445 NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 1]
Mar 07
SILICON DESIGNS, INC
Model 1010
DIGITAL ACCELEROMETER
!
!
!
! SENSOR: Capacitive Micromachined
Nitrogen Damped
Hermetically Sealed
!
!
!
! Digital Pulse Density Output
!
!
!
! Fully Calibrated
!
!
!
! Responds to DC & AC Acceleration
!
!
!
! -55 to +125 EEEEC Operation
!
!
!
! +5 VDC, 2 mA Power (typical)
!
!
!
! Non-Standard g Ranges Available
!
!
!
! Integrated Sensor & Amplifier
!
!
!
! LCC or J-Lead Surface
Mount Package
!
!
!
! Serialized for Traceability
!
!
!
! TTL/CMOS Compatible
!
!
!
! No External Reference Voltage
!
!
!
! Easy Interface to Microprocessors
!
!
!
! Good EMI Resistance
!
!
!
! RoHS Compliant
DESCRIPTION
ORDERING INFORMATION
Full Scale
Acceleration
Hermetic Packages
20 pin LCC
20 pin JLCC
±2 g
1010L-002
1010J-002
±5 g
1010L-005
1010J-005
±10 g
1010L-010
1010J-010
±25 g
1010L-025
1010J-025
±50 g
1010L-050
1010J-050
±100 g
1010L-100
1010J-100
±200 g
1010L-200
1010J-200
The Model 1010 is a low-cost, integrated accelerometer for use in zero to medium frequency instrumentation
applications. Each miniature, hermetically sealed package combines a micro-machined capacitive sense element
and a custom integrated circuit that includes a sense amplifier and sigma-delta A/D converter. It is relatively
insensitive to temperature changes and gradients. Each device is marked with a serial number on its bottom surface
for traceability. An optional calibration test sheet (1010-TST) is also available which lists the measured bias, scale
factor, linearity, operating current and frequency response.
OPERATION
The Model 1010 produces a digital pulse train in which the density of pulses (number of pulses per second) is
proportional to applied acceleration. It requires a single +5 volt power supply and a TTL/CMOS level clock of 100kHz-
1MHz. The output is ratiometric to the clock frequency and independent of the power supply voltage. Two forms of
digital signals are provided for direct interfacing to a microprocessor or counter. The sensitive axis is perpendicular
to the bottom of the package, with positive acceleration defined as a force pushing on the bottom of the package.
External digital line drivers can be used to drive long cables or when used in an electrically noisy environment.
APPLICATIONS
COMMERCIAL
! Automotive
Air Bags
Active Suspension
Adaptive Brakes
Security Systems
! Shipping Recorders
! Appliances
INDUSTRIAL
! Vibration Monitoring
! Vibration Analysis
! Machine Control
! Modal Analysis
! Robotics
! Crash Testing
! Instrumentation




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
2010-002DIGITAL ACCELEROMETER MODULE 1 2 3 List of Unclassifed Manufacturers
SCA2100-D012-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
LIS202DLMEMS motion sensor 2-axis - ±2g/±8g smart digital output “piccolo” accelerometer 1 2 3 4 5 MoreSTMicroelectronics
SCA2110-D032-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
SCA2120-D052-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
MMA7455LThree Axis Low-g Digital Output Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MXD2002ALow Cost ±10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADIS16209High-Accuracy Dual-Axis Digital Inclinometer and Accelerometer 1 2 3 4 5 MoreAnalog Devices
LIS302DL_07MEMS motion sensor 3-axis - ±2g/±8g smart digital output “piccolo” accelerometer 1 2 3 4 5 MoreSTMicroelectronics
SCA3000-D013-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl