Zakładka z wyszukiwarką danych komponentów |
|
CXZ49FFA05000H0QSWZZ Arkusz danych(PDF) 9 Page - Kyocera Kinseki Corpotation |
|
CXZ49FFA05000H0QSWZZ Arkusz danych(HTML) 9 Page - Kyocera Kinseki Corpotation |
9 / 27 page Features • Crystal unit for audio-visual, office equipment • Small and low profile (11.8x5.5x1.8mm) • Ceramic package • Product with lead free terminations • Reflow compatible Applications • Digital Electronics • Audio-Visual, Office Equipment Dimensions (Unit : mm) Recommended Land Pattern (Unit : mm) 7.7 5.0 2.7 11.80.3 7.0 CONNECTION 2.0 Table1 Motional Series Resistances Table2 Level of Drive * Please inqurie about specifications other than the above. Frequency Range Level of Drive Units W 3500 to 15999kHz 16000 to 28999kHz 29 to 60MHz 10 (500 max.) 10 (300 max.) 10 (300 max.) Frequency Range Motional Series Resistance Units ohm 3500 to 3999kHz 4000 to 7999kHz 8000 to 11999kHz 12000 to 28999kHz 29 to 60MHz 300 200 120 100 150 Specifications How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. CXB855GB 03579 H0 P E S ZZ Code Freq.(kHz) Code Freq.(kHz) 03579 03686 04000 06000 08000 12000 3579.545 3686.400 4000.000 6000.000 8000.000 12000.000 14318 16000 16934 19660 20000 14318.180 16000.000 16934.400 19660.800 20000.000 12pF 5010-6 10°C to 70°C 5010-6 H0 P E S ZZ Custom Specification Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 3500 to 28999 Fundamental 50 50 Table 1 Table 2 12 10 to 70 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range 29 to 60(MHz) 3rd Overtone Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range RoHS Compliant 11.8×5.5mm for Audio & Visual, Office Equipment Crystal Units Surface Mount Type CXB855GB (CX-5FD) - 42 - |
Podobny opis - CXZ49FFA05000H0QSWZZ |