Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4733A Arkusz danych(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Numer części 1N4733A
Szczegółowy opis  Zener diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YANGJIE [Yangzhou yangjie electronic co., ltd]
Strona internetowa  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N4733A Arkusz danych(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  1N4733A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N4733A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DO-41
Features
1.High reliability
2.Very sharp reverse characteristic
3.Low reverse current level
4.Vz-tolerance*5%
Applications
Voltage stabilization
Absoluto Maximum Ratings
Tj=250C
Parameter
Power dissipation
Z-current
Junction temperature
Storage temperature range
Test Conditions
Tamb*500C
Type
Symbol
PD
lz
Tj
Tstg
Value
1
PD/Vz
200
-65~+175
Unit
W
mA
0
C
0
C
Maximum Thermal Resistance
Tj=250C
Parameter
Junction ambient
Test Condltions
I=9.5mm(3/8") TL=constant
Symbol
RthJA
Value
100
Unit
K/W
Electrcal Characteristics
Tj=250C
Parameter
Forward voltage
Test Conditions
lF=200mA
Type
Symbol
VF
Min
Typ
Max
1.2
Unit
V
1N4728A~1N4761A
Zener diode
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.107(2.7)
.080(2.0)
DIA.
Dimensions in inches and (millimeters)
.034(.86)
.028(.71)
DIA.
Voltage Range
3.3 to 75 Volts


Podobny numer części - 1N4733A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1N4733A PHILIPS-1N4733A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4733A VISHAY-1N4733A Datasheet
96Kb / 5P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
SEMTECH ELECTRONICS LTD...
1N4733A SEMTECH_ELEC-1N4733A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
List of Unclassifed Man...
1N4733A ETC1-1N4733A Datasheet
16Kb / 1P
   Zener Diodes
logo
Suntan Capacitors
1N4733A SUNTAN-1N4733A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
More results

Podobny opis - 1N4733A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com