Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5231B Arkusz danych(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Numer części 1N5231B
Szczegółowy opis  Zener diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YANGJIE [Yangzhou yangjie electronic co., ltd]
Strona internetowa  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5231B Arkusz danych(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  1N5231B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5231B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Power dissipation
Z-current
Junction temperature
Storage temperature range
Test Conditions
Tamb*750C
Type
Symbol
PD
lz
Tj
Tstg
Value
500
PD/Vz
200
-65~+200
Unit
mW
mA
0
C
0
C
Maximum Thermal Resistance
Tj=250C
Parameter
Junction ambient
Test Condltions
I=9.5mm(3/8") TL=constant
Symbol
RthJA
Value
300
Unit
K/W
Electrcal Characteristics
Tj=250C
Parameter
Forward voltage
Test Conditions
lF=200mA
Type
Symbol
VF
Min
Typ
Max
1.1
Unit
V
1N5221B~1N5267B
Zener diode
Voltage Range
2.4 to 75 Volts
DO-35
Dimensions in inches and (millimeters)
1.02(26.0)
MIN
1.02(26.0)
MIN
.165(4.2)
MAX
.079(2.0)
MAX
.020(.52)
TYP
Features
1.High reliability
2.Very sharp reverse characteristic
3.Low reverse current level
4.Vz-tolerance*5%
Applications
Voltage stabilization
Absoluto Maximum Ratings
Tj=250C


Podobny numer części - 1N5231B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
1N5231B EIC-1N5231B Datasheet
38Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
1N5231B VISHAY-1N5231B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
SeCoS Halbleitertechnol...
1N5231B SECOS-1N5231B Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Weitron Technology
1N5231B WEITRON-1N5231B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Microdiode Electronics ...
1N5231B CHENDA-1N5231B Datasheet
184Kb / 3P
   ZENER DIODES
More results

Podobny opis - 1N5231B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com