Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACT16952 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części 54ACT16952
Szczegółowy opis  16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

54ACT16952 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button 54ACT16952 Datasheet HTML 3Page - Texas Instruments 54ACT16952 Datasheet HTML 4Page - Texas Instruments 54ACT16952 Datasheet HTML 5Page - Texas Instruments 54ACT16952 Datasheet HTML 6Page - Texas Instruments 54ACT16952 Datasheet HTML 7Page - Texas Instruments 54ACT16952 Datasheet HTML 8Page - Texas Instruments 54ACT16952 Datasheet HTML 9Page - Texas Instruments 54ACT16952 Datasheet HTML 10Page - Texas Instruments 54ACT16952 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
54ACT16952, 74ACT16952
16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS159C – JANUARY 1991 – REVISED APRIL 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54ACT16952
74ACT16952
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
75
75
75
MHz
tPLH
CLK
AorB
4.7
8.5
10.7
4.7
11.8
4.7
11.8
ns
tPHL
CLK
A or B
4.9
8.7
10.5
4.9
11.7
4.9
11.7
ns
tPLH
CEBA or CEAB
AorB
4.7
8.5
10.7
4.7
11.8
4.7
11.8
ns
tPHL
CEBA or CEAB
A or B
4.9
8.7
10.5
4.9
11.7
4.9
11.7
ns
tPZH
OEBA or OEAB
AorB
3.4
8.1
10.2
3.4
11.2
3.4
11.2
ns
tPZL
OEBA or OEAB
A or B
4.2
9.6
11.8
4.2
13
4.2
13
ns
tPHZ
OEBA or OEAB
AorB
5.2
7.5
8.9
5.2
9.4
5.2
9.4
ns
tPLZ
OEBA or OEAB
A or B
4.5
6.7
8.2
4.5
8.7
4.5
8.7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 50 pF,
f = 1 MHz
55
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - 54ACT16952

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
54ACT16952 TI-54ACT16952 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
54ACT16952WD TI-54ACT16952WD Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

Podobny opis - 54ACT16952

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
   16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
   16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16952 TI-54ACT16952 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16543 TI-SN54ABT16543 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470 TI-74ACT16470 Datasheet
149Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com