Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA50A-P Arkusz danych(PDF) 1 Page - Topstek Inc.

Numer części TA50A-P
Szczegółowy opis  Topstek Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPSTEK [Topstek Inc.]
Strona internetowa  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TA50A-P Arkusz danych(HTML) 1 Page - Topstek Inc.

  TA50A-P Datasheet HTML 1Page - Topstek Inc. TA50A-P Datasheet HTML 2Page - Topstek Inc. TA50A-P Datasheet HTML 3Page - Topstek Inc. TA50A-P Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Topstek Current Transducer TA5A4V .. TA50A4V
- 8 -
www.topstek.com
TA
V080201
7/1/2008
Open Loop Current Transducers
TA 5A~50A
Features
iHighly reliable Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (9 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
TA
5A
4V
TA
7.5A
4V
TA
10A
4V
TA
12.5A
4V
TA
15A
4V
TA
18.5A
4V
TA
20A
4V
TA
25A
4V
TA
37.5A
4V
TA
50A
4V
Nominal Input Current
Ifn
A DC
5
7.5
10
12.5
15
18.5
20
25
37.5
50
Linear Range
Ifs
A DC
±15
±23
±30
±38
±45
±56
±60
±75
±112
±150
Diameter of Primary Coil
d
mm
1
1
1.2
1.4
1.4
1.4
1.4
1.6
1.6x2.5 1.6x2.5
Turns of Primary Coil
T
T
5
3
2
2
1
1
1
1
1
1
Ampere-Turn of Primary Coil
AT
AT
25
22.5
20
25
15
18.5
20
25
37.5
50
Nominal Output Voltage
Vhn
V
4 V±1% at If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±40 mV @ If=0, Ta=25°C
Output Resistance
ROUT
< 100 (50 nominal)
Hysteresis Error
Voh
mV
Within ±15 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity ( Within ±Ifn )
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±9 mA nominal
Response Time (90%Vhn)
Tr
Psec
13
Psec max. @ d If /dt = Ifn / Psec
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
Within ±3 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
14 g


Podobny numer części - TA50A-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIWELL Electronics Co.,...
TA50A DIWELL-TA50A Datasheet
499Kb / 5P
   Topstek Current Transducer TA5A4V
10/11/2011
More results

Podobny opis - TA50A-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com