Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4109 Arkusz danych(PDF) 5 Page - TAITRON Components Incorporated

Numer części 1N4109
Szczegółowy opis  500mW Low Noise Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAITRON [TAITRON Components Incorporated]
Strona internetowa  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4109 Arkusz danych(HTML) 5 Page - TAITRON Components Incorporated

  1N4109 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4109 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4109 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4109 Datasheet HTML 4Page - TAITRON Components Incorporated 1N4109 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. A/DX 2007-05-15
www.taitroncomponents.com
Page 5 of 5
500mW Low Noise Zener Diodes
1N4614 – 1N4627/1N4099 – 1N4135
Dimensions in inch (mm)
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
DO-35


Podobny numer części - 1N4109

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compensated Deuices Inc...
1N4109 CDI-DIODE-1N4109 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4109 MCC-1N4109 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4109 KNOX-1N4109 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4109 MICROSEMI-1N4109 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4109 MICROSEMI-1N4109 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Podobny opis - 1N4109

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Seme LAB
1N6309BD2A SEME-LAB-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
   SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com