Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCE8.5A Arkusz danych(PDF) 2 Page - TAITRON Components Incorporated

Numer części LCE8.5A
Szczegółowy opis  1500W Low Capacitance Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAITRON [TAITRON Components Incorporated]
Strona internetowa  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LCE8.5A Arkusz danych(HTML) 2 Page - TAITRON Components Incorporated

  LCE8.5A Datasheet HTML 1Page - TAITRON Components Incorporated LCE8.5A Datasheet HTML 2Page - TAITRON Components Incorporated LCE8.5A Datasheet HTML 3Page - TAITRON Components Incorporated LCE8.5A Datasheet HTML 4Page - TAITRON Components Incorporated LCE8.5A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1500W Low Capacitance Transient Voltage Suppressor
Rev. B/AH 2007-09-26
LCE6.5A – LCE90A
www.taitroncomponents.com
Page 2 of 5
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@
IT
P/N
Stand-Off
Voltage
V BR
Max. Clamping
Voltage. @
IPPM
Max.
Peak
Pulse Current
Max. Reverse
Leakage Current
@
V WM
Uni-Polar
V WM (V)
Min.
Max.
IT
(mA)
VC (V)
IPPM (A)
(Note1)
ID (
μA)
(Note1)
LCE6.5A
6.5
7.22
7.98
10
11.2
100
1000
LCE7.0A
7.0
7.78
8.60
10
12.0
100
500
LCE7.5A
7.5
8.33
9.21
10
12.9
100
100
LCE8.0A
8.0
8.89
9.83
13.6
100
100
LCE8.5A
8.5
9.44
10.4
14.4
100
50
LCE9.0A
9.0
10.0
11.1
15.4
97.0
10
LCE10A
10.0
11.1
12.3
17.0
88.0
5.0
LCE11A
11.0
12.2
13.5
18.2
82.0
5.0
LCE12A
12.0
13.3
14.7
19.9
75.0
5.0
LCE13A
13.0
14.4
15.9
21.5
70.0
5.0
LCE14A
14.0
15.6
17.2
23.2
65.0
5.0
LCE15A
15.0
16.7
18.5
24.4
61.0
5.0
LCE16A
16.0
17.8
19.7
26.0
57.0
5.0
LCE17A
17.0
18.9
20.9
27.6
54.0
5.0
LCE18A
18.0
20.0
22.1
29.2
51.0
5.0
LCE20A
20.0
22.2
24.5
32.4
46.0
5.0
LCE22A
22.0
24.4
26.9
35.5
42.0
5.0
LCE24A
24.0
26.7
29.5
38.9
39.0
5.0
LCE26A
26.0
28.9
31.9
42.1
36.0
5.0
LCE28A
28.0
31.1
34.4
45.5
33.0
5.0
LCE30A
30.0
33.3
36.8
48.4
31.0
5.0
LCE33A
33.0
36.7
40.6
53.3
28.1
5.0
LCE36A
36.0
40.0
44.2
58.1
25.8
5.0
LCE40A
40.0
44.4
49.1
64.5
23.3
5.0
LCE43A
43.0
47.8
52.8
69.4
21.6
5.0
LCE45A
45.0
50.0
55.3
1
72.7
20.6
5.0


Podobny numer części - LCE8.5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
LCE8.5A EIC-LCE8.5A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
LCE8.5A RUILON-LCE8.5A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
logo
Littelfuse
LCE8.5A LITTELFUSE-LCE8.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
logo
Socay Electornics Co., ...
LCE8.5A SOCAY-LCE8.5A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
LCE8.5A LITTELFUSE-LCE8.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
More results

Podobny opis - LCE8.5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com