Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES52F2E15N-20000M Arkusz danych(PDF) 3 Page - Ecliptek Corporation

Numer części ES52F2E15N-20000M
Szczegółowy opis  SPECIFICATION CONTROL DRAWING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ECLIPTEK [Ecliptek Corporation]
Strona internetowa  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ES52F2E15N-20000M Arkusz danych(HTML) 3 Page - Ecliptek Corporation

  ES52F2E15N-20000M Datasheet HTML 1Page - Ecliptek Corporation ES52F2E15N-20000M Datasheet HTML 2Page - Ecliptek Corporation ES52F2E15N-20000M Datasheet HTML 3Page - Ecliptek Corporation ES52F2E15N-20000M Datasheet HTML 4Page - Ecliptek Corporation ES52F2E15N-20000M Datasheet HTML 5Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE1 OF2
SPECIFICATION CONTROL DRAWING
Drawing Number
CSC26-160-001
Title
5.0V Clipped Sinewave Full Size (VC)TCXO
Revision
ECN Number
Approved By
Date
Effectivity Date
Released By
Date
A
8163
ES51F2-
A 10 V
20.000M
PART NUMBERING GUIDE
PIN
1
7
8
14
CONNECTION
No Connect or Voltage Control
Ground/Case Ground
Output
Supply Voltage
ALL DIMENSIONS
IN MILLIMETERS
15.240
±0.203
20.3 ±0.5
7.620
±0.203
13.0
±0.5
5.08
MIN
8.3
MAX
∅0.457
±0.100 (X4)
0.6 MAX
1
7
8
14
(Line #1) ECLIPTEK
MARKING GUIDE
(Line #2) XX.XXXM
Frequency
(Line #3) XX Y ZZ
Week of Year
Last Digit of Year
NOTE: Pin1 shall be marked witha dot. Marking shall
conform to conditions listed in TQC41-001-000.
Ecliptek Manufacturing Code (TEN02-001-000)
ECLIPTEK
XX.XXXM
XXYZZ
Frequency Stability Code Per Table1
Frequency
Voltage Control Option
V= Voltage Control on Pin1
N= No Connect on Pin1
Operating Temperature
Range Code Per Table1
Frequency Range:
Frequency Tolerance/Stability:
Initial Frequency Tolerance
vs. Operating Temperature Range
vs. Input Voltage Change
vs. Load Change
vs. Aging
Operating Temperature Range
Storage Temperature Range
Supply Voltage
Input Current (Steady State @25°C)
Output Voltage
Load Drive Capabillity
Phase Noise (Typical)
Frequency Deviation
(V)
Control VoltageRange(V)
Control Voltage /TransferFunction
Linearity
Input Impedance
DD
CR
9.600MHz to 44.736MHz
±1ppm (at Nominal Vdd and Vc)
See Table1 for Maximum Values
±0.3ppm Maximum (V
±5%
±0.2ppm Maximum (±10%)
±1ppm/year Maximum (@25°C)
See Table1 for Operating Temperature Range
-55°C to +125°C
5.0Vdc ±5%
10mA Maximum
1.0Vp-p Minimum Clipped Sinewave
10kOhms//10pF
DD)
-60dBc/Hz at 10Hz Offset, -90dBc/Hz at 100Hz Offset, -125dBc/Hz at 1kHz Offset, -135dBc/Hz at 10kHz Offset,
-140dBc/Hz at 100kHz Offset
±7ppm Minimum, ±20ppm Maximum (Referenced to Fo at Vc=2.5Vdc; Vdd=5.0Vdc)
0.0V
toV
2.5V
±2.0V
/ Positive Transfer Characteristic
±10% Maximum
10kOhms Typical
DC
DD
DC
DC
STANDARD SPECIFICATIONS
Fine Leak Test:
Gross Leak Test:
Mechanical Shock:
Vibration:
Lead Integrity:
Solderability:
Temperature Cycling:
Resistance to Soldering Heat:
Resistance to Solvents:
MIL-STD-883, Method 1014, ConditionA
MIL-STD-883, Method 1014, ConditionC
MIL-STD-202, Method 213, ConditionC
MIL-STD-883, Method 2007, ConditionA
MIL-STD-883, Method 2004
MIL-STD-883, Method 2002
MIL-STD-883, Method 1010
MIL-STD-202, Method 210
MIL-STD-202, Method 215
ENVIRONMENTAL& MECHANICAL
OPERATING
TEMPERATURE
15
±1.5ppm
Y
X
20
±2.0ppm
Y
Y
X
30
±3.0ppm
Y
Y
Y
Y
X
50
±5.0ppm
Y
Y
Y
Y
Y
FREQUENCY STABILITY
X Denotes availability from 9.600MHz to 32.768MHz
Y Denotes availability for any valid frequency
Range
0°C to +50°C
0°C to +70°C
-20°C to +70°C
-30°C to +75°C
-40°C to +85°C
Code
A
B
C
D
E
Code
Range
TABLE 1: PART NUMBERING CODES
09-09-03
OBSOLETE


Podobny numer części - ES52F2E15N-20000M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ecliptek Corporation
ES52F3 ECLIPTEK-ES52F3 Datasheet
287Kb / 2P
   OSCILLATOR
ES52F4 ECLIPTEK-ES52F4 Datasheet
159Kb / 2P
   OSCILLATOR
ES52F5 ECLIPTEK-ES52F5 Datasheet
156Kb / 2P
   OSCILLATOR
More results

Podobny opis - ES52F2E15N-20000M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
007967-000 MACOM-007967-000 Datasheet
46Kb / 2P
   Specification Control Drawing
222K152-25 MACOM-222K152-25 Datasheet
54Kb / 2P
   Specification Control Drawing
004241-000 MACOM-004241-000 Datasheet
114Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K142-25-0 MACOM-202K142-25-0 Datasheet
58Kb / 2P
   Specification Control Drawing
202K132-25 MACOM-202K132-25 Datasheet
58Kb / 2P
   Specification Control Drawing
logo
List of Unclassifed Man...
SLT-3X ETC-SLT-3X Datasheet
36Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K163-25 ETC2-202K163-25 Datasheet
58Kb / 2P
   specification control drawing
logo
Tyco Electronics
202K142-25 MACOM-202K142-25 Datasheet
58Kb / 2P
   Specification Control Drawing
022477-000 MACOM-022477-000 Datasheet
46Kb / 2P
   Specification Control Drawing
CS250 MACOM-CS250 Datasheet
100Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-05-R-100 MACOM-S03-05-R-100 Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com