Zakładka z wyszukiwarką danych komponentów |
|
741X043564FP Arkusz danych(PDF) 5 Page - CTS Corporation |
|
741X043564FP Arkusz danych(HTML) 5 Page - CTS Corporation |
5 / 5 page Page 5 of 5 February 2008 CTS Electronic Components www.ctscorp.com Standard Resistor Values & EIA Code Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code 0 000X 68 680 470 471 3.9K 392 33K 333 270K 274 10 100 75 750 510 511 4.7K 472 39K 393 330K 334 12 120 82 820 560 561 5.1K 512 47K 473 390K 394 15 150 100 101 680 681 5.6K 562 51K 513 470K 474 18 180 110 111 820 821 6.8K 682 56K 563 510K 514 22 220 120 121 1K 102 8.2K 822 68K 683 560K 564 27 270 150 151 1.2K 122 10K 103 82K 823 680K 684 33 330 180 181 1.5K 152 12K 123 100K 104 820K 824 39 390 220 221 1.8K 182 15K 153 120K 124 1M 105 47 470 270 271 2.2K 222 18K 183 150K 154 51 510 330 331 2.7K 272 22K 223 180K 184 56 560 390 391 3.3K 332 27K 273 220K 224 Tape & Reel Information Reel Diameter 7" 740X043 741X043 741C083 741X083 742C043 741X163 742C083 742X083 742C163 743C043 743C083 744C043 744C083 745C101 745C102 745X101 745X102 746X101 Parts/Reel 10000 10000 5000 5000 4000 4000 4000 4000 2000 4000 4000 5000 Pitch 2mm 2mm 4mm 4mm 4mm 4mm 4mm 4mm 8mm 4mm 4mm 4mm Carrier Width 8mm 8mm 8mm 8mm 12mm 8mm 12mm 8mm 12mm 12mm 12mm 8mm Material Paper Paper Paper Paper Plastic Plastic Plastic Plastic Plastic Plastic Plastic Paper How to Order 742C083 101 J P Part Code See Standard Package Outlines (Page 2) Resistor Code RoHS Compliant (Matte Sn finish) Tolerance J = ±5% (Standard) 3-digit code G = ±2% 3-digit code (741-745 only) F = ±1% 4-digit code (741-745 only) X for zero ohm jumper 3 Digit Resistor Code – Refer to the EIA Code noted above 4 Digit Resistor Code (used only for 1% tolerance) – The first three digits are significant and fourth digit is multiplier; “R” indicates decimal on values less than 100 ohms. Examples: 10R0 = 10 ohms 49R9 = 49.9 ohms 1000 = 100 ohms 1001 = 1,000 ohms 1002 = 10,000 ohms Example: 742C08310R0F |
Podobny numer części - 741X043564FP |
|
Podobny opis - 741X043564FP |