Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2425P50100A00 Arkusz danych(PDF) 3 Page - Anaren Microwave

Numer części BD2425P50100A00
Szczegółowy opis  Nano Profile 0404 Balun 50廓 to 100廓 Balanced
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANAREN [Anaren Microwave]
Strona internetowa  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425P50100A00 Arkusz danych(HTML) 3 Page - Anaren Microwave

  BD2425P50100A00 Datasheet HTML 1Page - Anaren Microwave BD2425P50100A00 Datasheet HTML 2Page - Anaren Microwave BD2425P50100A00 Datasheet HTML 3Page - Anaren Microwave BD2425P50100A00 Datasheet HTML 4Page - Anaren Microwave BD2425P50100A00 Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2425P50100A00
REV A
Wide Band Performance: 500 MHz. to 8500 MHz.
Return Loss - Input
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]
Insertion Loss
-3.6
-3.3
-3
-2.7
-2.4
-2.1
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0
Frequency [MHz]
Amplitude Balance
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Frequency [MHz]
Phase Balance
-20
-15
-10
-5
0
5
10
15
20
Frequency [MHz]
CMRR
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]


Podobny numer części - BD2425P50100A00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
BD2425P50100AHF ANAREN-BD2425P50100AHF Datasheet
3Mb / 6P
   Nano Profile 0404 Balun 50 to 100 Balanced
More results

Podobny opis - BD2425P50100A00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
BD3150N5010A00 ANAREN-BD3150N5010A00 Datasheet
234Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 100廓 Balanced
BD2425N50100A00 ANAREN-BD2425N50100A00 Datasheet
231Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 100廓 Balanced
BD4859N50100A00 ANAREN-BD4859N50100A00 Datasheet
238Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 100廓 Balanced
BD4859N5050A00 ANAREN-BD4859N5050A00 Datasheet
234Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 50廓 Balanced
BD2425P50100AHF ANAREN-BD2425P50100AHF Datasheet
3Mb / 6P
   Nano Profile 0404 Balun 50 to 100 Balanced
BD2425N5075A50 ANAREN-BD2425N5075A50 Datasheet
222Kb / 5P
   Ultra Low Profile 0404 Balun 50廓 to 75廓 Balanced
BD4859N50200A00 ANAREN-BD4859N50200A00 Datasheet
238Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 200廓 Balanced
BD2425N5075A00 ANAREN-BD2425N5075A00 Datasheet
236Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 75廓 Balanced
BD2425N50200A00 ANAREN-BD2425N50200A00 Datasheet
232Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 200廓 Balanced
BD4859N5075A00 ANAREN-BD4859N5075A00 Datasheet
239Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 75廓 Balanced
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com