Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB60NE06-1 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STB60NE06-1
Szczegółowy opis  N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60NE06-1 Arkusz danych(HTML) 4 Page - STMicroelectronics

  STB60NE06-1 Datasheet HTML 1Page - STMicroelectronics STB60NE06-1 Datasheet HTML 2Page - STMicroelectronics STB60NE06-1 Datasheet HTML 3Page - STMicroelectronics STB60NE06-1 Datasheet HTML 4Page - STMicroelectronics STB60NE06-1 Datasheet HTML 5Page - STMicroelectronics STB60NE06-1 Datasheet HTML 6Page - STMicroelectronics STB60NE06-1 Datasheet HTML 7Page - STMicroelectronics STB60NE06-1 Datasheet HTML 8Page - STMicroelectronics STB60NE06-1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Derating Curve
Transfer Characteristics
Static Drain-source On Resistance
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
STB60NE06-16
4/9


Podobny numer części - STB60NE06-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
   N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
More results

Podobny opis - STB60NE06-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP16NE06L STMICROELECTRONICS-STP16NE06L Datasheet
70Kb / 7P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE] POWER MOSFET
STB80NE06-10 STMICROELECTRONICS-STB80NE06-10 Datasheet
94Kb / 8P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STP55NE06 STMICROELECTRONICS-STP55NE06 Datasheet
120Kb / 9P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STP80NE06-10 STMICROELECTRONICS-STP80NE06-10 Datasheet
92Kb / 8P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STD20NE06 STMICROELECTRONICS-STD20NE06 Datasheet
96Kb / 8P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
STD20NE03L STMICROELECTRONICS-STD20NE03L Datasheet
105Kb / 9P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
STP60NE03L-10 STMICROELECTRONICS-STP60NE03L-10 Datasheet
99Kb / 8P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STB55NE06 STMICROELECTRONICS-STB55NE06 Datasheet
98Kb / 8P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
STB55NE06L STMICROELECTRONICS-STB55NE06L Datasheet
55Kb / 5P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STB60NE03L-10 STMICROELECTRONICS-STB60NE03L-10 Datasheet
99Kb / 8P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com