Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

J100N50X4 Arkusz danych(PDF) 1 Page - Anaren Microwave

Numer części J100N50X4
Szczegółowy opis  Half Flange Termination 100 Watts, 50W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANAREN [Anaren Microwave]
Strona internetowa  http://www.anaren.com
Logo ANAREN - Anaren Microwave

J100N50X4 Arkusz danych(HTML) 1 Page - Anaren Microwave

  J100N50X4 Datasheet HTML 1Page - Anaren Microwave J100N50X4 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model J100N50X4
Features:
• RoHS Compliant
• 100 Watts
• DC – 3.0 GHz
• AlN Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
100% Tested
Half Flange Termination
100 Watts, 50
Description
The J100N50X4 is high performance Aluminum Nitride (AlN) half flange
termination intended as a cost competitive alternative to Beryllium Oxide
(BeO). The termination is well suited to all cellular frequency bands such
as; AMPS, GSM, DCS, PCS, PHS and UMTS. The high power handling
makes the part ideal for terminating circulators, and for use in power
combiners. The termination is also RoHS compliant!
General Specifications
Resistive Element
Thick Film
Substrate
AlN Ceramic
Cover
Alumina Ceramic
Mounting Flange
Copper, nickel plated per QC-N-290
Leads
99% pure silver (.006” thick)
Cover
Alumina Ceramic
Tolerance is ±0.010”, unless otherwise specified. Designed to meet of exceed
applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
Resistance Value:
50 Ohms, ± 2%
Power:
100 Watts
Frequency Range:
DC – 3.0GHz
V.S.W.R.
1.25 : 1
Specification based on unit properly installed using suggested mounting instructions
and a 50 ohm nominal impedance. Storage temperature is -20°C to 85 ºC . Operating
temperature is -55ºC to 125ºC (see chart for derating temperatures). Specifications
subject to change with out notice.
Outline Drawing
Note: All dimensions in inches – 1inch = 2.54cm. Lead Length: 0.150in min.
J100N50X4 (097) Rev D.
ROHS
Compliant


Podobny numer części - J100N50X4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
J100N50X4B ANAREN-J100N50X4B Datasheet
207Kb / 2P
   RoHS Compliant
More results

Podobny opis - J100N50X4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
RFP-20-50TPC-S ANAREN-RFP-20-50TPC-S Datasheet
248Kb / 2P
   Half Flange Termination 20 Watts, 50W
K100N50X4 ANAREN-K100N50X4 Datasheet
89Kb / 2P
   Half Flange Termination 100 Watts, 50廓
G150N50W4B ANAREN-G150N50W4B Datasheet
203Kb / 2P
   Flange Mount Termination 150 Watts, 50W
A100N50X4 ANAREN-A100N50X4 Datasheet
203Kb / 2P
   Chip Termination 100 Watts, 50W
A300B50X1A ANAREN-A300B50X1A Datasheet
349Kb / 2P
   Chip Termination 300 Watts, 50W
A10A50X1A ANAREN-A10A50X1A Datasheet
200Kb / 2P
   Chip Termination 10 Watts, 50W
A150N50X4B ANAREN-A150N50X4B Datasheet
306Kb / 2P
   Chip Termination 150 Watts, 50W
A30B50X1A ANAREN-A30B50X1A Datasheet
262Kb / 2P
   Chip Termination 30 Watts, 50W
A40B50X1B ANAREN-A40B50X1B Datasheet
265Kb / 2P
   Chip Termination 40 Watts, 50W
RFP-150-50TCGN-S ANAREN-RFP-150-50TCGN-S Datasheet
249Kb / 2P
   Flangeless Termination 150 Watts, 50W
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com