Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL400 Arkusz danych(PDF) 5 Page - TAITRON Components Incorporated

Numer części TL400
Szczegółowy opis  4A Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAITRON [TAITRON Components Incorporated]
Strona internetowa  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TL400 Arkusz danych(HTML) 5 Page - TAITRON Components Incorporated

  TL400 Datasheet HTML 1Page - TAITRON Components Incorporated TL400 Datasheet HTML 2Page - TAITRON Components Incorporated TL400 Datasheet HTML 3Page - TAITRON Components Incorporated TL400 Datasheet HTML 4Page - TAITRON Components Incorporated TL400 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. A/AH 2008-03-07
www.taitroncomponents.com
Page 5 of 5
4A Bridge Rectifier
TL400 – TL410/KBL005 - KBL10
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Podobny numer części - TL400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TL4006 STMICROELECTRONICS-TL4006 Datasheet
262Kb / 4P
   SCR
March 1995
logo
List of Unclassifed Man...
TL400G ETC2-TL400G Datasheet
127Kb / 4P
   4 AMP Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
   4A Glass Passivated Bridge Rectifier
More results

Podobny opis - TL400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
BL4-06-BF52-LFR FRONTIER-BL4-06-BF52-LFR Datasheet
121Kb / 2P
   4A BRIDGE RECTIFIER
BL4-005 FRONTIER-BL4-005 Datasheet
121Kb / 2P
   4A BRIDGE RECTIFIER
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TU400G TAITRON-TU400G Datasheet
194Kb / 4P
   4A Glass Passivated Bridge Rectifier
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MSB403E YFWDIODE-MSB403E Datasheet
293Kb / 3P
   4A Super Fast Recovery Rectifier Bridge
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com