Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST72T2311R9T1S Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części ST72T2311R9T1S
Szczegółowy opis  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T2311R9T1S Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button ST72T2311R9T1S Datasheet HTML 7Page - STMicroelectronics ST72T2311R9T1S Datasheet HTML 8Page - STMicroelectronics ST72T2311R9T1S Datasheet HTML 9Page - STMicroelectronics ST72T2311R9T1S Datasheet HTML 10Page - STMicroelectronics ST72T2311R9T1S Datasheet HTML 11Page - STMicroelectronics ST72T2311R9T1S Datasheet HTML 12Page - STMicroelectronics ST72T2311R9T1S Datasheet HTML 13Page - STMicroelectronics ST72T2311R9T1S Datasheet HTML 14Page - STMicroelectronics ST72T2311R9T1S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
11/164
1.3 REGISTER & MEMORY MAP
As shown in the Figure 3, the MCU is capable of
addressing 64K bytes of memories and I/O regis-
ters.
The available memory locations consist of 128
bytes of register location, up to 2Kbytes of RAM,
up to 256 bytes of data EEPROM and up to
60Kbytes of user program memory. The RAM
space includes up to 256 bytes for the stack from
0100h to 01FFh.
The highest address bytes contain the user reset
and interrupt vectors.
Figure 3. Memory Map
0000h
1024 Bytes RAM
Program Memory
(60K, 48K, 32K, 16K Bytes)
Interrupt & Reset Vectors
HW Registers
0BFFh
0080h
007Fh
0D00h
0FFFh
Reserved
2048 Bytes RAM
(see Table 2)
1000h
FFDFh
FFE0h
FFFF h
(see Table 7 on page 32)
0C00h
0CFFh
Optional EEPROM
(256 Bytes)
0880h
Reserved
087Fh
Short Addressing
RAM (zero page)
Stack
(256 Bytes)
16-bit Addressing
RAM
0100h
01FFh
047Fh
0080h
0200h
00FFh
or 067Fh
or 087Fh
1536 Bytes RAM
16 KBytes
4000h
1000h
48 KBytes
C000h
8000h
32 KBytes
60 KBytes
FFFF h


Podobny numer części - ST72T2311R9T1S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72T212 STMICROELECTRONICS-ST72T212 Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
ST72T212G2B3 STMICROELECTRONICS-ST72T212G2B3 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72T212G2B6 STMICROELECTRONICS-ST72T212G2B6 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72T212G2M3 STMICROELECTRONICS-ST72T212G2M3 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72T212G2M6 STMICROELECTRONICS-ST72T212G2M6 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
More results

Podobny opis - ST72T2311R9T1S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72589BW STMICROELECTRONICS-ST72589BW Datasheet
1Mb / 158P
   8-BIT MCU WITH NESTED INTERRUPTS, DOT MATRIX LCD, ADC, TIMERS, PWM-BRM, SPI, SCI, I짼C, CAN INTERFACES
June 2003 Rev. 2.7
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com