Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7952SDBTRG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADS7952SDBTRG4
Szczegółowy opis  12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7952SDBTRG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS7952SDBTRG4 Datasheet HTML 7Page - Texas Instruments ADS7952SDBTRG4 Datasheet HTML 8Page - Texas Instruments ADS7952SDBTRG4 Datasheet HTML 9Page - Texas Instruments ADS7952SDBTRG4 Datasheet HTML 10Page - Texas Instruments ADS7952SDBTRG4 Datasheet HTML 11Page - Texas Instruments ADS7952SDBTRG4 Datasheet HTML 12Page - Texas Instruments ADS7952SDBTRG4 Datasheet HTML 13Page - Texas Instruments ADS7952SDBTRG4 Datasheet HTML 14Page - Texas Instruments ADS7952SDBTRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
ADS7950, ADS7951, ADS7952, ADS7953
ADS7954, ADS7955, ADS7956, ADS7957
ADS7958, ADS7959, ADS7960, ADS7961
www.ti.com ...................................................................................................................................................................................................... SLAS605 – JUNE 2008
TERMINAL FUNCTIONS (continued)
DEVICE NAME
ADS7953
ADS7952
ADS7951
ADS7950
ADS7957
ADS7956
ADS7955
ADS7954
PIN NAME
I/O
FUNCTION
ADS7961
ADS7960
ADS7959
ADS7958
PIN NO.
32
32
24
24
SCLK
I
Serial clock input
33
33
25
25
SDI
I
Serial data input
34
34
26
26
SDO
O
Serial data output
GENERAL PURPOSE INPUTS / OUTPUTS: These pins have programmable dual functionality. Refer to Table 8 for functionality
programming
37
37
29
29
GPIO0
I/O
General purpose input or output
High alarm or
O
Active high output indicating high alarm or high/low
High/Low
alarm depending on programming
alarm
38
38
30
30
GPIO1
I/O
General purpose input or output
Low alarm
O
Active high output indicating low alarm
1
1
1
1
GPIO2
I/O
General purpose input or output
Range
I
Selects range: High -> Range 2 / Low -> Range 1
2
2
2
2
GPIO3
I/O
General purpose input or output
PD
I
Active low power down input
POWER SUPPLY AND GROUND
5, 29
5, 29
5, 21
5, 21
+VA
Analog power supply
6, 10 19,
6, 10 19,
6, 10, 22
6, 10, 22
AGND
Analog ground
20, 30
20, 30
36
36
28
28
+VBD
Digital I/O supply
35
35
27
27
BDGND
Digital ground
NC PINS
11, 12, 13,
15, 16
11, 13, 15,
Pins internally not connected, do not float these pins
14
16, 17, 19
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7950, ADS7951, ADS7952, ADS7953 ADS7954, ADS7955, ADS7956, ADS7957 ADS7958,
ADS7959, ADS7960, ADS7961


Podobny numer części - ADS7952SDBTRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7952SDBTRG4 TI1-ADS7952SDBTRG4 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7952SDBTRG4 TI1-ADS7952SDBTRG4 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Podobny opis - ADS7952SDBTRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Texas Instruments
ADS7950-Q1 TI1-ADS7950-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com