Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1672IPAG Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1672IPAG
Szczegółowy opis  625kSPS, 24-Bit Analog-to-Digital Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1672IPAG Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1672IPAG Datasheet HTML 2Page - Texas Instruments ADS1672IPAG Datasheet HTML 3Page - Texas Instruments ADS1672IPAG Datasheet HTML 4Page - Texas Instruments ADS1672IPAG Datasheet HTML 5Page - Texas Instruments ADS1672IPAG Datasheet HTML 6Page - Texas Instruments ADS1672IPAG Datasheet HTML 7Page - Texas Instruments ADS1672IPAG Datasheet HTML 8Page - Texas Instruments ADS1672IPAG Datasheet HTML 9Page - Texas Instruments ADS1672IPAG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADS1672
SBAS402A – JUNE 2008 – REVISED JULY 2008 .............................................................................................................................................................. www.ti.com
Table 1. TERMINAL FUNCTIONS (continued)
PIN
NAME
NO.
FUNCTION
DESCRIPTION
Configure low-latency digital filter.
LL_CONFIG
32
Digital Input
If LL_CONFIG = '0', then single-cycle settling is selected.
If LL_CONFIG = '1', then fast-response is selected.
Digital filter path selection.
FPATH
33
Digital Input
If FPATH = '0', then path is wide-bandwidth.
If FPATH = '1', then path is low-latency.
DRATE[1:0]
35, 36
Digital Input
Data rate selection
START
37
Digital Input
Start convert, reset, and synchronization control input
CS
38
Digital Input
Chip select; active low.
OTRD
39
Digital Output
Digital filter out-of-range indicator
RSV3
40
Reserved
This pin must be left floating. Do not connect or short to ground.
Negative shift clock output.
SCLK
41
Digital Output
If SCLK_SEL = '0', then SCLK is the complementary shift clock output.
If SCLK_SEL = '1', then SCLK always output is 3-state.
Positive shift clock output.
SCLK
42
Digital Input/Output If SCLK_SEL = '0', then SCLK is an output.
If SCLK_SEL = '1', then SCLK is an input.
DOUT
43
Digital Output
Negative LVDS serial data output
DOUT
44
Digital Output
Positive LVDS serial data output
DRDY
45
Digital Output
Negative data ready output
DRDY
46
Digital Output
Positive data ready output
CLK
55
Digital Input
Master clock input
CAP1
59
Analog
Terminal for 1
µF external bypass capacitor
VREFN
60, 61
Analog
Negative reference voltage. Short to analog ground.
CAP2
62
Analog
Terminal for 1
µF external bypass capacitor
VREFP
63, 64
Analog
Positive reference voltage
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1672


Podobny numer części - ADS1672IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1672IPAG TI1-ADS1672IPAG Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1672IPAGG4 TI1-ADS1672IPAGG4 Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1672IPAGR TI1-ADS1672IPAGR Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1672IPAGRG4 TI1-ADS1672IPAGRG4 Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1672IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1672 TI1-ADS1672_14 Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com