Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1672IPAG Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1672IPAG
Szczegółowy opis  625kSPS, 24-Bit Analog-to-Digital Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1672IPAG Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS1672IPAG Datasheet HTML 5Page - Texas Instruments ADS1672IPAG Datasheet HTML 6Page - Texas Instruments ADS1672IPAG Datasheet HTML 7Page - Texas Instruments ADS1672IPAG Datasheet HTML 8Page - Texas Instruments ADS1672IPAG Datasheet HTML 9Page - Texas Instruments ADS1672IPAG Datasheet HTML 10Page - Texas Instruments ADS1672IPAG Datasheet HTML 11Page - Texas Instruments ADS1672IPAG Datasheet HTML 12Page - Texas Instruments ADS1672IPAG Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
1
2
3
4
5
6
7
8
9
10
Frequency(kHz)
f
=1kHz, 0.5dBFS
THD= 109.1dBc
65,536points
-
-
IN
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300 325
Frequency(kHz)
f
=1kHz, 0.5dBFS
THD= 109.1dBc
65,536points
-
-
IN
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
1
2
3
4
5
6
7
8
9
10
Frequency(kHz)
f
=1kHz, 6dBFS
THD= 119.9dBc
65,536points
-
-
IN
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300 325
Frequency(kHz)
f
=1kHz, 6dBFS
THD= 119.9dBc
65,536points
-
-
IN
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300 325
Frequency(kHz)
f
=10kHz, 0.5dBFS
THD= 108.9dBc
65,536points
-
-
IN
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300 325
Frequency(kHz)
f
=10kHz, 6dBFS
THD= 118.0dBc
65,536points
-
-
IN
ADS1672
www.ti.com .............................................................................................................................................................. SBAS402A – JUNE 2008 – REVISED JULY 2008
All specifications are at TA = –40°C to +85°C, AVDD = 5V, DVDD = 3V, fCLK = 20MHz, VREF = +3V, and RBIAS = 7.5kΩ, unless
otherwise noted.
OUTPUT SPECTRUM
OUTPUT SPECTRUM DETAIL VIEW
(1k, –0.5dBFS SIGNAL)
(1k, –0.5dBFS SIGNAL)
Figure 4.
Figure 5.
OUTPUT SPECTRUM
OUTPUT SPECTRUM DETAIL VIEW
(1k, –6dBFS SIGNAL)
(1k, –6dBFS SIGNAL)
Figure 6.
Figure 7.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
(10k, –0.5dBFS SIGNAL)
(10k, –6dBFS SIGNAL)
Figure 8.
Figure 9.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1672


Podobny numer części - ADS1672IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1672IPAG TI1-ADS1672IPAG Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1672IPAGG4 TI1-ADS1672IPAGG4 Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1672IPAGR TI1-ADS1672IPAGR Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1672IPAGRG4 TI1-ADS1672IPAGRG4 Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1672IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1672 TI1-ADS1672_14 Datasheet
1Mb / 34P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com