Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7863IDBQ Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7863IDBQ
Szczegółowy opis  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7863IDBQ Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS7863IDBQ Datasheet HTML 4Page - Texas Instruments ADS7863IDBQ Datasheet HTML 5Page - Texas Instruments ADS7863IDBQ Datasheet HTML 6Page - Texas Instruments ADS7863IDBQ Datasheet HTML 7Page - Texas Instruments ADS7863IDBQ Datasheet HTML 8Page - Texas Instruments ADS7863IDBQ Datasheet HTML 9Page - Texas Instruments ADS7863IDBQ Datasheet HTML 10Page - Texas Instruments ADS7863IDBQ Datasheet HTML 11Page - Texas Instruments ADS7863IDBQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
www.ti.com
CLOCK
CONVST
10ns
Cyc e
l 1
Cyc e
l 2
A
B
C
10ns
5ns
5ns
TIMING REQUIREMENTS
(1)
ADS7863
SBAS383B – JUNE 2007 – REVISED MARCH 2008
TIMING CHARACTERISTICS (continued)
NOTE: All CONVST commands that occur more than 10ns before the rising edge of cycle ‘1’ of the external clock
(Region ‘A’) initiate a conversion on the rising edge of cycle ‘1’. All CONVST commands that occur 5ns after the rising
edge of cycle ‘1’ or 10ns before the rising edge of cycle 2 (Region ‘B’) initiate a conversion on the rising edge of cycle
‘2’. All CONVST commands that occur 5ns after the rising edge of cycle ‘2’ (Region ‘C’) initiate a conversion on the
rising edge of the next clock period.
The CONVST pin should never be switched from LOW to HIGH in the region 10ns prior to the rising edge of the
CLOCK and 5ns after the rising edge (gray areas). If CONVST is toggled in this gray area, the conversion could begin
on either the same rising edge of the CLOCK or the following edge.
Figure 2. CONVST Timing
Over recommended operating free-air temperature range at –40
°C to +125°C, AV
DD = 5V, and BVDD = 2.7V to 5V, unless
otherwise noted.
ADS7863
SYMBOL
PARAMETER
COMMENTS
MIN
MAX
UNIT
tCONV
Conversion time
fCLOCK = 32MHz
406.25
ns
tACQ
Acquisition time
fCLOCK = 32MHz
62.5
ns
fCLOCK
CLOCK frequency
See Figure 1
1
32
MHz
tCLOCK
CLOCK period
See Figure 1
31.25
1000
ns
tCKL
CLOCK low time
See Figure 1
9.4
ns
tCKH
CLOCK high time
See Figure 1
9.4
ns
t1
CONVST high time
See Figure 1
20
ns
t2
SDI setup time to CLOCK falling edge
See Figure 1
10
ns
t3
SDI hold time to CLOCK falling edge
See Figure 1
5
ns
t4
RD high setup time to CLOCK falling edge
See Figure 1
10
ns
t5
RD high hold time to CLOCK falling edge
See Figure 1
5
ns
t6
CONVST low time
See Figure 1
1
tCLOCK
t7
RD low time relative to CLOCK falling edge
See Figure 1
1
tCLOCK
t8
CS low to SDOx valid
See Figure 1
13
ns
t9
SDOx data setup time to CLOCK falling edge See Figure 1
16
ns
t10
SDOx data hold time to CLOCK falling edge
See Figure 1
2
ns
t11
CONVST rising edge to BUSY high delay(2)
See Figure 1
3
ns
t12
CLOCK rising edge to BUSY low delay
See Figure 1
3
ns
t13
CS low to RD high delay
See Figure 1
10
ns
(1)
All input signals are specified with tR = tF = 1.5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Not applicable in auto-NAP power-down mode.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7863


Podobny numer części - ADS7863IDBQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7863IDBQ BURR-BROWN-ADS7863IDBQ Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863IDBQ TI1-ADS7863IDBQ Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863IDBQ TI1-ADS7863IDBQ Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQG4 TI1-ADS7863IDBQG4 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863IDBQG4 TI1-ADS7863IDBQG4 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7863IDBQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com