Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7230IRSARG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADS7230IRSARG4
Szczegółowy opis  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7230IRSARG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS7230IRSARG4 Datasheet HTML 7Page - Texas Instruments ADS7230IRSARG4 Datasheet HTML 8Page - Texas Instruments ADS7230IRSARG4 Datasheet HTML 9Page - Texas Instruments ADS7230IRSARG4 Datasheet HTML 10Page - Texas Instruments ADS7230IRSARG4 Datasheet HTML 11Page - Texas Instruments ADS7230IRSARG4 Datasheet HTML 12Page - Texas Instruments ADS7230IRSARG4 Datasheet HTML 13Page - Texas Instruments ADS7230IRSARG4 Datasheet HTML 14Page - Texas Instruments ADS7230IRSARG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
E C
O
(activelow)
CONVST
FS/CS
INT
(activelow)
SCLK
MANUAL TRIGGER/READ WhileSampling
(useinternalCCLK,EOC,and
polarityprogrammedasactivelow)
INT
S O
D
S I
D
Nth
Nth
Nth
1
-
1…………
……… 16
1
Nth
1101b
READResult
1101b
READResult
t
4
t
SAMPLE1 =3CCLKsMin
t
=
CONV
18CCLKs
t
CL
t
2
Nth
Nth
1
-
EOC
(activelow)
CONVST
FS/CS
INT
(activelow)
SCLK
MANUAL
IGGE
EAD
TR
R/R
WhileConverting
(useinternalCCLK,EOC,and
polarityprogrammedasactivelow)
INT
SDO
SDI
Nth
t
SAMPLE1 =3CCLKsMin
Nth
Nth
1
-
1……………………16
1
Nth
1101b
READResult
1101b
READResult
t
4
N+1th
t
CONV = 18 CCLKs
t
CL
t
3
N+1th
Nth+1
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
Figure 1. Timing for Conversion and Acquisition Cycles for Manual Trigger (Read While Sampling)
Figure 2. Timing for Conversion and Acquisition Cycles for Manual Trigger (Read While Converting)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7229 ADS7230


Podobny numer części - ADS7230IRSARG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7230IRSARG4 TI1-ADS7230IRSARG4 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Podobny opis - ADS7230IRSARG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7229 TI1-ADS7229_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com