Zakładka z wyszukiwarką danych komponentów |
|
ADS5444 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
ADS5444 Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 29 page www.ti.com RECOMMENDED OPERATING CONDITIONS ELECTRICAL CHARACTERISTICS ADS5444 SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006 MIN NOM MAX UNIT SUPPLIES AVDD Analog supply voltage 4.75 5 5.25 V DRVDD Output driver supply voltage 3 3.3 3.6 V ANALOG INPUT Differential input range 2.2 VPP VCM Input common mode 2.4 V CLOCK INPUT 1/tC ADCLK input sample rate (sine wave) 10 250 MSPS Clock amplitude, differential sine wave 3 Vpp Clock duty cycle 50% TA Open free air temperature –40 85 °C MIN, TYP, and MAX values at T A = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, sampling rate = 250 MSPS, 50% clock duty cycle, AV DD = 5 V, DRVDD = 3.3 V, –1 dBFS differential input, and 3 VPP differential clock, unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Resolution 13 Bits ANALOG INPUTS Differential input range 2.2 Vpp Differential input resistance (DC) 1 k Ω Differential input capacitance 1.5 pF Analog input bandwidth 800 MHz INTERNAL REFERENCE VOLTAGE VREF Reference voltage 2.4 V DYNAMIC ACCURACY No missing codes Assured DNL Differential linearity error fIN = 10 MHz -1 ±0.4 1 LSB INL Integral linearity error fIN = 10 MHz -2.2 ±0.9 2.2 LSB Offset error -11 11 mV Offset temperature coefficient 0.0005 mV/°C Gain error –5 5 %FS Gain temperature coefficient -0.02 ∆%/°C PSRR 100-MHz supply 1 mV/V frequency POWER SUPPLY IAVDD Analog supply current 340 390 mA IDRVDD Output buffer supply current VIN = full scale, fIN = 100 MHz, FS = 250 MSPS 80 100 mA Power dissipation 2 2.28 W 3 Submit Documentation Feedback |
Podobny numer części - ADS5444_08 |
|
Podobny opis - ADS5444_08 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |