Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2014D1RGPR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2014D1RGPR
Szczegółowy opis  1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2014D1RGPR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA2014D1RGPR Datasheet HTML 6Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 7Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 8Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 9Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 10Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 11Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 12Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 13Page - Texas Instruments TPA2014D1RGPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
f-Frequency-Hz
P
=0.05W
O
Gain=2V/V,
R =8
+33 H,
V
=5V,
V
=3.6V
L
CC
DD
W
m
P
=0.25W
O
P
=0.8W
O
-120
-100
-80
-60
-40
-20
0
20
100
1k
10k
20k
f-Frequency-Hz
Gain=2V/V,
R =8 ,
V
=5V
L
CC
W
V
=3.6V
DD
V
=4.2V
DD
V
=2.5V
DD
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
I -OutputCurrent- A
O
V
=2.5V
DD
V
=3.6V
DD
V
=5V
CC
V
=4.2V
DD
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k
20k
f-Frequency-Hz
Gain=2V/V,
R =8
+33 H,
V
=5V
L
CC
W
m
V
=3.6V
DD
V
=4.2V
DD
V
=2.5V
DD
TPA2014D1
SLAS559A – MAY 2008 – REVISED JUNE 2008 ............................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
COMMON-MODE REJECTION RATIO
BOOST EFFICIENCY
vs
vs
FREQUENCY
OUTPUT CURRENT
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2014D1


Podobny numer części - TPA2014D1RGPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results

Podobny opis - TPA2014D1RGPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com