Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS62P45IRGCT Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS62P45IRGCT
Szczegółowy opis  DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS62P45IRGCT Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS62P45IRGCT Datasheet HTML 3Page - Texas Instruments ADS62P45IRGCT Datasheet HTML 4Page - Texas Instruments ADS62P45IRGCT Datasheet HTML 5Page - Texas Instruments ADS62P45IRGCT Datasheet HTML 6Page - Texas Instruments ADS62P45IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P45IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P45IRGCT Datasheet HTML 9Page - Texas Instruments ADS62P45IRGCT Datasheet HTML 10Page - Texas Instruments ADS62P45IRGCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
(1)
ADS62P45, ADS62P44
ADS62P43, ADS62P42
SLAS561A – JULY 2007 – REVISED FEBRUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, AVDD = 3.3V, DRVDD = 1.8 V to 3.3 V, maximum rated sampling frequency, 50% clock duty
cycle, –1 dBFS differential analog input, internal reference mode, applies to CMOS and LVDS interfaces, unless otherwise
noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, DRVDD = 3.3 V,
unless otherwise noted.
ADS62P45
ADS62P44
ADS62P43
ADS62P42
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IMD
2-Tone
F1 = 185 MHz, F2 = 190 MHz
88
87
92
92
dBFS
Intermodulation
each tone at -7 dBFS
Distortion
Crosstalk
Up to 100 MHz
95
95
95
95
dB
Recovery to within 1% (of final
Input Overload
clock
value) for 6-dB overload with sine
1
1
1
1
Recovery
cycles
wave input
PSRR
AC Power
for 100 mVpp signal on AVDD
35
35
35
35
dBc
Supply
supply
Rejection Ratio
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1, AVDD = 3.0 V to 3.6 V.
ADS62P45/ADS62P44
PARAMETER
TEST CONDITIONS
ADS62P43/ADS62P42
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
RESET, CTRL1, CTRL2, CTRL3, SCLK, SDATA & SEN (2)
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
33
µA
Low-level input current
–33
µA
Input capacitance
4
pF
DIGITAL OUTPUTS
CMOS INTERFACE, DRVDD = 1.65 V to 3.6 V
High-level output voltage
DRVDD
V
Low-level output voltage
0
V
Output capacitance inside the device, from
Output capacitance
2
pF
each output to ground
DIGITAL OUTPUTS
LVDS INTERFACE, DRVDD = 3.0 V to 3.6 V, IO = 3.5 mA, RL = 100 Ω
(3)
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage, |VOD|
225
350
mV
VOS Output offset voltage, single-ended
Common-mode voltage of OUTP, OUTM
1200
mV
Output capacitance inside the device, from
Output capacitance
2
pF
either output to ground
(1)
All LVDS and CMOS specifications are characterized, but not tested at production.
(2)
SCLK & SEN function as digital input pins when they are used for serial interface programming. When used as parallel control pins,
analog voltage needs to be applied as per Table 2 & Table 3
(3)
IO refers to the LVDS buffer current setting, RL is the differential load resistance between the LVDS output pair.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS62P45, ADS62P44 ADS62P43, ADS62P42


Podobny numer części - ADS62P45IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62P45IRGCT TI-ADS62P45IRGCT Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results

Podobny opis - ADS62P45IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com