Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2016D2YZHR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2016D2YZHR
Szczegółowy opis  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2YZHR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA2016D2YZHR Datasheet HTML 6Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 7Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 8Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 9Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 10Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 11Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 12Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 13Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
VCC − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G015
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
THD = 1%
THD = 10%
1
0.5
0.75
0.25
0
-0.25
-0.5
-0.75
-1
0
400m
200m
600m
800m
1m
1.2m
1.6m
1.4m
1.8m
2m
t-Time-s
Output
SWS
Disable
1
0.5
0.75
0.25
0
-0.25
-0.5
-0.75
-1
0
2m
1m
3m
4m
5m
6m
8m
7m
9m
10m
t-Time-s
Output
SWSEnable
TPA2016D2
SLOS524B – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
OUTPUT POWER
vs
SUPPLY VOLTAGE
Figure 17.
Figure 18. Shutdown Time
Figure 19. Startup Time
10
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2


Podobny numer części - TPA2016D2YZHR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2016D2YZHR TI1-TPA2016D2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2YZHR TI1-TPA2016D2YZHR Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
More results

Podobny opis - TPA2016D2YZHR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com