Zakładka z wyszukiwarką danych komponentów |
|
TPA2050D4YZKR Arkusz danych(PDF) 8 Page - Texas Instruments |
|
|
TPA2050D4YZKR Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 29 page TPA2050D4 IN+ IN– OUT+ OUT– V DD V DD GND C I C I Measurement Output + + – – Load 30kHz Low-Pass Filter Measurement Input + – 1 F m TPA2050D4 SLOS544 – JULY 2008....................................................................................................................................................................................................... www.ti.com TEST SET-UP FOR GRAPHS (1) All measurements were taken with a 1- µF C I (unless otherwise noted.) (2) A 33- µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements. (3) The 30-kHz low-pass filter is required, even if the analyzer has an internal low-pass filter. An RC low-pass filter (1 k Ω 4.7 nF) is used on each output for the data sheet graphs. 8 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TPA2050D4 |
Podobny numer części - TPA2050D4YZKR |
|
Podobny opis - TPA2050D4YZKR |