Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4898-1YRDZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADA4898-1YRDZ
Szczegółowy opis  High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1YRDZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADA4898-1YRDZ Datasheet HTML 3Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 4Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 5Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 6Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 7Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 8Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 9Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 10Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4898-1
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
FREQUENCY (MHz)
RL = 1kΩ
VOUT = 100mV p-p
VS = ±15V
G = +1
RF = 0Ω
G = +1
RF = 100Ω
G = +2
RF = 100Ω
G = +5
RF = 100Ω
Figure 5. Small Signal Frequency Response for Various Gains
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
FREQUENCY (MHz)
RL = 1kΩ
RL = 100Ω
RL = 200Ω
G = +1
VOUT = 100mV p-p
VS = ±15V
Figure 6. Small Signal Frequency Response for Various Loads
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
T = +25°C
G = +1
RL = 1kΩ
VOUT = 100mV p-p
VS = ±15V
T = +105°C
T = +85°C
T = –40°C
T = 0°C
Figure 7. Small Signal Frequency Response for Various Temperatures
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
FREQUENCY (MHz)
RL = 1kΩ
VOUT = 2V p-p
VS = ±15V
G = +1
RF = 0Ω
G = +1
RF = 100Ω
G = +5
RF = 100Ω
G = +2
RF = 100Ω
Figure 8. Large Signal Frequency Response for Various Gains
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
FREQUENCY (MHz)
RL = 1kΩ
RL = 100Ω
G = +1
VOUT = 2V p-p
VS = ±15V
RL = 200Ω
Figure 9. Large Signal Frequency Response for Various Loads
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
G = +1
RL = 1kΩ
VOUT = 2V p-p
VS = ±15V
T = +85°C
T = –40°C
T = +105°C
T = +25°C
T = 0°C
Figure 10. Large Signal Frequency Response for Various Temperatures


Podobny numer części - ADA4898-1YRDZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4898-1YRDZ AD-ADA4898-1YRDZ Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4898-1YRDZ AD-ADA4898-1YRDZ Datasheet
431Kb / 20P
   High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
ADA4898-1YRDZ-R7 AD-ADA4898-1YRDZ-R7 Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4898-1YRDZ-R7 AD-ADA4898-1YRDZ-R7 Datasheet
431Kb / 20P
   High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
ADA4898-1YRDZ-RL AD-ADA4898-1YRDZ-RL Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
More results

Podobny opis - ADA4898-1YRDZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4898-1 AD-ADA4898-1_15 Datasheet
431Kb / 20P
   High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
ADA4898-2YRDZ AD-ADA4898-2YRDZ Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
   Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
REV. A
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com