Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4898-1YRDZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADA4898-1YRDZ
Szczegółowy opis  High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1YRDZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADA4898-1YRDZ Datasheet HTML 7Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 8Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 9Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 10Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 11Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 12Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 13Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 14Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADA4898-1
Rev. 0 | Page 11 of 16
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
100
1M
100M
10M
1k
100k
10k
G = +1
RL = 100Ω
VS = ±15V
VOUT = 2V p-p
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
10k
100k
1M
10M
G = +1
RL = 100Ω
VS = ±15V
VOUT = 2V p-p
+PSRR
–PSRR
Figure 29. Common-Mode Rejection Ratio (CMRR) vs. Frequency
Figure 32. Power Supply Rejection Ratio (PSRR) vs. Frequency
–75
–65
–55
–45
100k
1M
10M
100M
VOUT = 0.1V p-p
FREQUENCY (Hz)
G = +1
RL = 1kΩ
VS = ±15V
VOUT = 2V p-p
1000
800
600
400
200
0
INPUT BIAS CURRENT (µA)
–0.15
–0.20
–0.25
–0.10
0
–0.05
N = 6180
MEAN: –0.13
SD: 0.02
VS = ±15V
Figure 33. PD Isolation vs. Frequency
Figure 30. Input Bias Current Distribution
1000
800
600
400
200
0
OFFSET VOLTAGE (µV)
0
–30
–60
30
120
90
60
N = 6180
MEAN: 27
SD: 20
VS = ±15V
1000
800
600
400
200
0
OFFSET VOLTAGE (µV)
N = 6180
MEAN: –2.8
SD: 20
VS = ±5V
0
–30
–60
30
90
60
–90
Figure 31. Input Offset Voltage Distribution, VS = ±15 V
Figure 34. Input Offset Voltage Distribution, VS = ±5 V


Podobny numer części - ADA4898-1YRDZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4898-1YRDZ AD-ADA4898-1YRDZ Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4898-1YRDZ AD-ADA4898-1YRDZ Datasheet
431Kb / 20P
   High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
ADA4898-1YRDZ-R7 AD-ADA4898-1YRDZ-R7 Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4898-1YRDZ-R7 AD-ADA4898-1YRDZ-R7 Datasheet
431Kb / 20P
   High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
ADA4898-1YRDZ-RL AD-ADA4898-1YRDZ-RL Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
More results

Podobny opis - ADA4898-1YRDZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4898-1 AD-ADA4898-1_15 Datasheet
431Kb / 20P
   High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
ADA4898-2YRDZ AD-ADA4898-2YRDZ Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
   Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
REV. A
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com