Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4939-2YCPZ-RL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA4939-2YCPZ-RL
Szczegółowy opis  Ultralow Distortion Differential ADC Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-RL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA4939-2YCPZ-RL Datasheet HTML 5Page - Analog Devices ADA4939-2YCPZ-RL Datasheet HTML 6Page - Analog Devices ADA4939-2YCPZ-RL Datasheet HTML 7Page - Analog Devices ADA4939-2YCPZ-RL Datasheet HTML 8Page - Analog Devices ADA4939-2YCPZ-RL Datasheet HTML 9Page - Analog Devices ADA4939-2YCPZ-RL Datasheet HTML 10Page - Analog Devices ADA4939-2YCPZ-RL Datasheet HTML 11Page - Analog Devices ADA4939-2YCPZ-RL Datasheet HTML 12Page - Analog Devices ADA4939-2YCPZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADA4939-1/ADA4939-2
Rev. 0 | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 5 V, −VS = 0 V, VOCM = +VS /2, RG = 200 Ω, RF = 402 Ω, RT = 60.4 Ω, G = 1, RL, dm = 1 kΩ, unless otherwise noted.
Refer to Figure 39 for test setup. Refer to Figure 42 for signal definitions.
2
–14
–12
–10
–8
–6
–4
–2
0
1
10
100
1k
FREQUENCY (MHz)
G = +2.00
G = +3.16
G = +5.00
RG = 200Ω, RT = 60.4Ω
RG = 127Ω, RT = 66.3Ω
RG = 80.6Ω, RT = 76.8Ω
VOUT, dm = 100mV p-p
Figure 7. Small Signal Frequency Response for Various Gains
3
–12
–10
–8
–6
–4
–2
0
2
–11
–9
–7
–5
–3
–1
1
1
10
100
1k
FREQUENCY (MHz)
VS = 3.3V
VS = 5.0V
VOUT, dm = 100mV p-p
Figure 8. Small Signal Frequency Response for Various Supplies
3
–12
–10
–8
–6
–4
–2
0
2
–11
–9
–7
–5
–3
–1
1
1
10
100
1k
FREQUENCY (MHz)
–40°C
+25°C
+105°C
VOUT, dm = 100mV p-p
Figure 9. Small Signal Frequency Response for Various Temperatures
2
–14
–12
–10
–8
–6
–4
–2
0
1
10
100
1k
FREQUENCY (MHz)
G = +2.00
G = +3.16
G = +5.00
RG = 200Ω, RT = 60.4Ω
RG = 127Ω, RT = 66.3Ω
RG = 80.6Ω, RT = 76.8Ω
VOUT, dm = 2V p-p
Figure 10. Large Signal Frequency Response for Various Gains
2
–12
–10
–8
–6
–4
–2
0
1
10
100
1k
FREQUENCY (MHz)
VS = 3.3V
VS = 5.0V
VOUT, dm = 2V p-p
Figure 11. Large Signal Frequency Response for Various Supplies
3
–12
–10
–8
–6
–4
–2
0
2
–11
–9
–7
–5
–3
–1
1
1
10
100
1k
FREQUENCY (MHz)
–40°C
+25°C
+105°C
VOUT, dm = 2V p-p
Figure 12. Large Signal Frequency Response for Various Temperatures


Podobny numer części - ADA4939-2YCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4939-2YCPZ-RL AD-ADA4939-2YCPZ-RL Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
More results

Podobny opis - ADA4939-2YCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
   Ultralow Distortion Differential ADC Driver
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
   Ultralow Distortion Current Feedback Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com