Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM3251EARWZ-REEL Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADM3251EARWZ-REEL
Szczegółowy opis  Isolated, Single-Channel RS-232 Line Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM3251EARWZ-REEL Arkusz danych(HTML) 2 Page - Analog Devices

  ADM3251EARWZ-REEL Datasheet HTML 1Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 2Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 3Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 4Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 5Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 6Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 7Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 8Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM3251E
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Package Characteristics ............................................................... 5
Regulatory Information (Pending) ............................................ 5
Insulation and Safety-Related Specifications............................ 5
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 Insulation
Characteristics (Pending)............................................................ 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions..............................8
Typical Performance Characteristics ..............................................9
Theory of Operation ...................................................................... 11
Isolation of Power and Data...................................................... 11
Charge Pump Voltage Converter ............................................. 12
5.0 V Logic to EIA/TIA-232E Transmitter.............................. 12
EIA/TIA-232E to 5 V Logic Receiver
...................................... 12
High Baud Rate........................................................................... 12
Thermal Analysis ....................................................................... 12
PCB Layout ................................................................................. 13
Insulation Lifetime ..................................................................... 13
Outline Dimensions ....................................................................... 14
Ordering Guide .......................................................................... 14
REVISION HISTORY
7/08—Revision 0: Initial Version


Podobny numer części - ADM3251EARWZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3251EARWZ-REEL AD-ADM3251EARWZ-REEL Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3251EARWZ-REEL AD-ADM3251EARWZ-REEL Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results

Podobny opis - ADM3251EARWZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com