Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN4600ACPZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADN4600ACPZ
Szczegółowy opis  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN4600ACPZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADN4600ACPZ Datasheet HTML 3Page - Analog Devices ADN4600ACPZ Datasheet HTML 4Page - Analog Devices ADN4600ACPZ Datasheet HTML 5Page - Analog Devices ADN4600ACPZ Datasheet HTML 6Page - Analog Devices ADN4600ACPZ Datasheet HTML 7Page - Analog Devices ADN4600ACPZ Datasheet HTML 8Page - Analog Devices ADN4600ACPZ Datasheet HTML 9Page - Analog Devices ADN4600ACPZ Datasheet HTML 10Page - Analog Devices ADN4600ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADN4600
Rev. 0 | Page 7 of 7
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RESETB
VEE
IN0
IP0
VCC
IN1
IP1
VTTI
IN2
IP2
VEE
IN3
IP3
DVCC
VCC
VEE
SCL
SDA
VEE
IP7
IN7
VCC
IP6
IN6
VTTI
IP5
IN5
VEE
IP4
IN4
VCC
VEE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
ADN4600
TOP VIEW
(Not to Scale)
NOTES
1. PAD ON BOTTOM OF PACKAGE MUST BE CONNECTED TO VEE.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
RESETB
Control
Reset Input (Active Low)
2, 11, 16, 17, 27,
30, 32, 33, 37,
46, 53, 62, 64
VEE
Power
Negative Supply
3, 6, 9, 12, 35,
38, 41, 44
IN0 to IN7
I/O
High Speed Inputs
4, 7, 10, 13, 36,
39, 42, 45
IP0 to IP7
I/O
High Speed Input Complements
5, 15, 18, 21, 31,
34, 43, 59, 63
VCC
Power
Positive Supply
8, 40
VTTI
Power
Input Termination Supply
14
DVCC
Power
Digital Positive Supply (3.3 V)
19, 22, 25, 28,
51, 54, 57, 60
ON7 to ON0
I/O
High Speed Outputs
20, 23, 26, 29,
52, 55, 58, 61
OP7 to ON0
I/O
High Speed Output Complements
24, 56
VTTO
Power
Output Termination Supply
47
SDA
Control
I2C Control Interface Data Input/Output
48
SCL
Control
I2C Control Interface Clock Input
49
ADDR0
Control
I2C Control Interface Address LSB
50
ADDR1
Control
I2C Control Interface Address MSB
EPAD
Power
Connect to VEE


Podobny numer części - ADN4600ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4604-EVALZ AD-ADN4604-EVALZ Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4604ASVZ AD-ADN4604ASVZ Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4604ASVZ-RL AD-ADN4604ASVZ-RL Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4605 AD-ADN4605 Datasheet
2Mb / 56P
   4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
REV. 0
More results

Podobny opis - ADN4600ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
logo
Vitesse Semiconductor C...
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
   6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3040 VITESSE-VSC3040 Datasheet
561Kb / 2P
   11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
   6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com