Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL180 Arkusz danych(PDF) 41 Page - Analog Devices

Numer części ADXL180
Szczegółowy opis  Configurable, High g, iMEMS Accelerometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL180 Arkusz danych(HTML) 41 Page - Analog Devices

Back Button ADXL180 Datasheet HTML 37Page - Analog Devices ADXL180 Datasheet HTML 38Page - Analog Devices ADXL180 Datasheet HTML 39Page - Analog Devices ADXL180 Datasheet HTML 40Page - Analog Devices ADXL180 Datasheet HTML 41Page - Analog Devices ADXL180 Datasheet HTML 42Page - Analog Devices ADXL180 Datasheet HTML 43Page - Analog Devices ADXL180 Datasheet HTML 44Page - Analog Devices ADXL180 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
ADXL180
Rev. 0 | Page 41 of 56
ERROR DETECTION
OVERVIEW
The ADXL180 monitors its internal operation and reports
errors. The error reporting codes differ depending on whether
the state vector has been enabled. Table 39 describes the errors
and the specific codes transmitted in various configurations.
The state vector allows the ADXL180 to report specific errors if
enabled. If the state vector is not enabled, a single error code is
sent regardless of the type of error. The error code is transmitted
every 228 μs in asynchronous mode until power down. The
error code is transmitted in response to every synchronization
pulse in synchronous mode until power down.
PARITY ERROR DUE TO COMMUNICATIONS
PROTOCOL CONFIGURATION BIT ERROR
As shown in Table 39, an error code is generated if the parity of
the ADXL180 device OTP memory is incorrect. However, if this
error is due to a parity error in one of the ERC, SVD, DAT, or MAN
bits that govern the format of the transmitted message, the error
code is transmitted in an alternate data format. Receive system
designs that recognize repeated message transmissions, wrong
data lengths, and incorrect Manchester encoding help to detect
more easily that an error code is being set.
Table 39. Status/Error Coding
Error
State Vector Enabled
State Vector Disabled
Error Reporting Active in Phases
8-Bit
Data Mode
10-Bit
Data Mode
8-Bit
Data Mode
10-Bit
Data Mode
Configuration Error
0x7F
127d
0x1F9
505d
0x7D
125d
0x1F4
500d
2
Offset Error
0x7E
126d
0x1F8
504d
0x7D
125d
0x1F4
500d
5
Self-Test Error
0x7D
125d
0x1F7
503d
0x7D
125d
0x1F4
500d
4, 51
OTP Parity Error
0x7C
124d
0x1F6
502d
0x7D
125d
0x1F4
500d
4, 5
Device OK
0x7B
123d
0x1E7
487d
0x7B
123d
0x1E7
487d
3
Device Not OK (NOK)
0x7A
122d
0x1F4
500d
0x7D
125d
0x1F4
500d
3, 4, 5
1 A self-test error reported during Phase 5 indicates a failure of the internal self-test circuit, not a sensor self-test error.


Podobny numer części - ADXL180

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL185B AD-ADXL185B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
ADXL189B AD-ADXL189B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
More results

Podobny opis - ADXL180

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com