Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL180 Arkusz danych(PDF) 23 Page - Analog Devices

Numer części ADXL180
Szczegółowy opis  Configurable, High g, iMEMS Accelerometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL180 Arkusz danych(HTML) 23 Page - Analog Devices

Back Button ADXL180 Datasheet HTML 19Page - Analog Devices ADXL180 Datasheet HTML 20Page - Analog Devices ADXL180 Datasheet HTML 21Page - Analog Devices ADXL180 Datasheet HTML 22Page - Analog Devices ADXL180 Datasheet HTML 23Page - Analog Devices ADXL180 Datasheet HTML 24Page - Analog Devices ADXL180 Datasheet HTML 25Page - Analog Devices ADXL180 Datasheet HTML 26Page - Analog Devices ADXL180 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
ADXL180
ACCELERATION DATA CODING
Rev. 0 | Page 23 of 56
ACCELERATION INPUT
–FS
+FS
11 1111 1111
0
11 1111 1110
10 0000 0010
10 0000 0001
10 0000 0000
00 0000 0000
01 1111 1111
01 1111 1110
01 1111 1101
01 1111 1100
00 0000 0001
Figure 19. 10-Bit ADC Transfer Characteristic
Table 12. DAT Data Bit Options
DAT
Definition
0
10-bit data sensor data transmitted. 8-bit Phase 2
configuration data left justified in 10-bit data frame
(default).
1
8-bit sensor data transmitted.
The sensor data coding is dependent on the configuration
register bit settings. Either 8-bit or 10-bit sensor data can be
transmitted. This 8-bit or 10-bit data range is either full range
or reduced range. Whether the data range is full or reduced
depends on the setting of the state vector disable and auto-zero
enable configuration register bits. For more information, see
Table 13.
Table 13. Full and Reduced Sensor and Device Data Ranges
SVD1
AZE2
Data Range
0
0
Full
0
1
Reduced
1
0
Reduced3
1
1
Reduced3
1 SVD is the state vector disable configuration bit.
2 AZE is the auto-zero enable configuration bit.
3 A configuration error is reported if Phase 2 Mode 0 is selected with the state
vector disabled (SVD = 1). The ADXL180 transmits a configuration error code
during run time and no sensor data is transmitted.
Table 14. 8-Bit Full Sensor Data Range Coding
Decimal
Hex
Binary (Twos
Complement)
Description
+127
0x7F
0111 1111
Most positive (+FS)
acceleration value
+126
0x7E
0111 1110
+125
0x7D
0111 1101
+1
0x01
0000 0001
0
0x00
0000 0000
Zero (0) acceleration value
−1
0xFF
1111 1111
−126
0x82
1000 0010
−127
0x81
1000 0001
−128
0x80
1000 0000
Most negative (−FS)
acceleration value
Table 15. 10-Bit Full Sensor Data Range Coding
Decimal
Hex
Binary (Twos
Complement)
Description
+511
0x1FF
01 1111 1111
Most positive (+FS)
acceleration value
+510
0x1FE
01 1111 1110
+509
0x1FD
01 1111 1101
+1
0x01
00 0000 0001
0
0x00
00 0000 0000
Zero (0) acceleration value
−1
0x3FF
11 1111 1111
−510
0x202
10 0000 0010
−511
0x201
10 0000 0001
−512
0x200
10 0000 0000
Most negative (−FS)
acceleration value
Table 16. 8-Bit Reduced Sensor Data Range Coding
Table 17. 10-Bit Reduced Sensor Data Range Coding
Decimal
Hex
Binary (Twos
Complement)
Description
+464
0x1D0
01 1101 0000
Most positive (+FS)
acceleration value
0
0x000
00 0000 0000
Zero (0) acceleration value
−464
0x230
10 0011 0000
Most negative (−FS)
acceleration value
Decimal
Hex
Binary (Twos
Complement)
Description
+116
0x74
0111 0100
Most positive (+FS)
acceleration value
0
0x00
0000 0000
Zero (0) acceleration
value
−116
0x8C
1000 1100
Most negative (−FS)
acceleration value


Podobny numer części - ADXL180

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL185B AD-ADXL185B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
ADXL189B AD-ADXL189B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
More results

Podobny opis - ADXL180

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com