Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL180WCPZ-RL1 Arkusz danych(PDF) 52 Page - Analog Devices

Numer części ADXL180WCPZ-RL1
Szczegółowy opis  Configurable, High g, iMEMS Accelerometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL180WCPZ-RL1 Arkusz danych(HTML) 52 Page - Analog Devices

Back Button ADXL180WCPZ-RL1 Datasheet HTML 48Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 49Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 50Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 51Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 52Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 53Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 54Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 55Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
ADXL180
Rev. 0 | Page 52 of 56
MD[1:0]
Table 55. Phase 2 (Device Data) Transmission Mode Select
Codes
MD1
MD0
Name
Definition
0
0
Mode 0
ADIFX mode device data
0
1
Mode 1
Range data only (range selection
limited)
1
0
Mode 2
8-bit coded device data
1
1
Mode 3
10-bit coded device data
Table 56. Phase 2 (Device Data) Transmission Mode Select
Codes
MD1
MD0
Data
0
0
Device OK
0
1
Range
1
0
Delimiter
1
1
Device OK
Table 57. MD Settings and Device Data Ranges with SVD and AZE Settings (Replication of Table 23)
Mode (Device Data)
MD1
MD0
SVD
D
1
AZE2
Data Range
0: ADIFX3
(All Configuration Data, Serial Number And Manufacturer ID)
0
0
0
0
Full
0
0
0
1
Reduced
0
0
1
0
Configuration error
0
0
1
1
Configuration error
1: Range Data Only3
(Limited Range Selection)
0
1
0
0
Full
0
1
0
1
Reduced
0
1
1
0
Reduced
0
1
1
1
Reduced
2: 8-Bit Coded Device Data3
(UD[7:0], Serial Number And Range)
1
0
0
0
Full
1
0
0
1
Reduced
1
0
1
0
Reduced
1
0
1
1
Reduced
3: 10-Bit Coded Device Data4
(UD[7:0], Serial Number And Range)
1
1
0
0
Full
1
1
0
1
Reduced
1
1
1
0
Reduced
1
1
1
1
Reduced
1 SVD is the state vector disable configuration bit.
2 AZE is the auto-zero enable configuration bit.
3 If Phase 2 Mode 0, Mode 1, or Mode 2 is selected, the device data is 8-bit data. If the 10-bit data mode is selected in combination with Phase 2 Mode 0, Mode 1, or Mode
2, the 8-bit device data is left justified in the 10-bit data field. The two LSBs are held at zero (see Table 24).
4 The 10-bit device data mode (Phase 2 Mode 3) is incompatible with the 8-bit data mode (the DAT bit is set to 1). The device transmits a configuration error code if
Phase 2 Mode 3 is selected and the DAT bit is set to 1. No sensor data is transmitted.


Podobny numer części - ADXL180WCPZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL185B AD-ADXL185B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
ADXL189B AD-ADXL189B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
More results

Podobny opis - ADXL180WCPZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com