Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL180WCPZ-RL1 Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL180WCPZ-RL1
Szczegółowy opis  Configurable, High g, iMEMS Accelerometer
Pobierz  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 8 page
background image
ADXL180
Rev. 0 | Page 8 of 56
VDD
NC
VSCO
VCM
VCM
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VBP
VBN
VBC
NC
NC
NC
9
10
11
12
VCM
NC
V
VBN
VCM
13
14
15
16
SCI
4
3
2
1
8
7
6
VBN
5
VBN
NC = NO CONNECT
DAP1
ADXL180
TOP VIEW
(Not to Scale)
DAP2
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
Reserved for Analog Devices Use Only. VBN or do not connect.
2
VCM
Reserved for Analog Devices, Inc., Use Only. Do not connect.
3
VBN
Negative Bus Voltage.
4
NC
Reserved for Analog Devices Use Only. VBN or do not connect.
5
VDD
Voltage Regulator Bypass Capacitor.
6
NC
Reserved for ADI Use Only. VBN or do not connect.
7
VSCO
Reserved for ADI Use Only. Do not connect.
8
VBN
Negative Bus Voltage.
9
VBC
Daisy-Chain Connection. Daisy-chain connection to VBP of the second device or do not connect.
10
VBN
Negative Bus Voltage.
11
VCM
Reserved for ADI Use Only. Do not connect.
12
VBP
Positive Bus Voltage.
13
NC
Reserved for ADI Use Only. VBN or do not connect.
14
NC
Reserved for ADI Use Only. VBN or no connect
15
VSCI
Analog Signal Chain Input. VBN when not in use.
16
VCM
Reserved for ADI Use Only. Do not connect.
DAP1
VCM
Exposed Pad: Reserved for ADI Use Only. Do not connect.
DAP2
VBN
Exposed Pad: Negative Bus Voltage.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
DRPIC166XHigh Performance Configurable 8-bit RISC Microcontroller 1 2 3 4 5 MoreDigital Core Design
DRPIC1655XHigh Performance Configurable 8-bit RISC Microcontroller 1 2 3 4 5 MoreDigital Core Design
IRMCK201High Performance Configurable Digital AC Servo Control IC 1 2 3 4 5 MoreInternational Rectifier
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
LIS244ALHMEMS inertial sensor high performance 2-axis ±2/±6g ultracompact linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS344ALHMEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS344ALH_0804MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
ADXL001High Performance Wide Bandwidth Accelerometer 1 2 3 4 5 MoreAnalog Devices
DFPIC1655XHigh Performance Configurable 8-bit RISC Microcontroller 1 2 3 4 5 MoreDigital Core Design

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl