Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL180WCPZ-RL1 Arkusz danych(PDF) 12 Page - Analog Devices

Numer części ADXL180WCPZ-RL1
Szczegółowy opis  Configurable, High g, iMEMS Accelerometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL180WCPZ-RL1 Arkusz danych(HTML) 12 Page - Analog Devices

Back Button ADXL180WCPZ-RL1 Datasheet HTML 8Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 9Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 10Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 11Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 12Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 13Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 14Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 15Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
ADXL180
Rev. 0 | Page 12 of 56
User-Programmed Configuration
At each of these previously described points in the system, the
ADXL180 is highly configurable for different applications. The
organization and configurable items are briefly described in this
section but are covered in depth in the remainder of this data sheet.
Physical Layer (ISO Layer 1)
The bus interface hardware definition including the phase of
Manchester encoding and synchronization pulse enable/disable.
Data Link Layer (ISO Layer 2)
The specifics of the data frame format including the data width
(8-bit or 10-bit data), state vector (enable/disable), and error
detection (parity or CRC).
Application Layer (ISO Layer 7)
The serial number and configuration data transmission mode
and self-test (internal self-test pass/fail discrimination or
external self-test data evaluation).
Other signal processing related aspects of the function of the
ADXL180 can also be configured as follows:
Sensor scale factor (range)
Signal chain low-pass filter bandwidth
Auto-zero: enable/disable
User-defined data in the user data register


Podobny numer części - ADXL180WCPZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL185B AD-ADXL185B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
ADXL189B AD-ADXL189B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
More results

Podobny opis - ADXL180WCPZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com