Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL180WCPZ-RL1 Arkusz danych(PDF) 16 Page - Analog Devices

Numer części ADXL180WCPZ-RL1
Szczegółowy opis  Configurable, High g, iMEMS Accelerometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL180WCPZ-RL1 Arkusz danych(HTML) 16 Page - Analog Devices

Back Button ADXL180WCPZ-RL1 Datasheet HTML 12Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 13Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 14Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 15Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 16Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 17Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 18Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 19Page - Analog Devices ADXL180WCPZ-RL1 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
ADXL180
Rev. 0 | Page 16 of 56
The synchronization pulse detector is reenabled after tB, which
is an idle bit transmission following the last data frame bit (see
the Data Frame Definition section). At this point, the device is
ready to receive the next sync pulse.
If the application requires or uses a pulse of nonuniform shape,
such as, for example, rising above VSPT and subsequently
toggling such that it falls below VSPT one or more times before
tSPD, consult Analog Devices, Inc., applications support for
further information on application specific pulse recognition.
Note, this counter means that when an invalid length sync pulse
of less than seven counts is followed less than seven counts later
by a subsequent sync pulse, detection may occur when the
counter is incremented further by less than seven counts by the
second pulse.
Bus Discharge Enable
Table 8. Bus Discharge Enable
BDE
Definition
0
Bus discharge disabled (default).
1
Bus discharge enabled. Only active when SYEN = 1.
The bus discharge enable (BDE) bit in the configuration regis-
ters can be set to aid in the discharge of the bus voltage after
a synchronization pulse is detected. If the BDE bit is set, the
ADXL180 changes the bus current (IBUS) level from IIDLE to
ISIG once a valid synchronization pulse has been detected.
The control module then sets the voltage on the bus to the
nominal operating level. The bus capacitance is discharged
by the ADXL180 device. The current level of ISIG acts as an
active pull-down current to return the VBP voltage to the
nominal supply voltage. The pull-down current pulse can
also be used as a handshake with the control module acting
as an acknowledgement of the synchronization pulse.
VSP
VSPND
VSPT
VSPND
VSPT
tADC
tPS
tSPD
tB
tM
tSTD
tSPP
BUS
VOLTAGE
NO DETECT CASE
DETECT CASE
DATA FRAME
TIME
SYNCH
DETECT/
BLANKING
ADC BUSY
BUS DISCHARGE CURRENT
(IF BDE = 1)
ADXL180
RETURN
CURRENT
Figure 12. Synchronization Pulse Timing (Single Device)


Podobny numer części - ADXL180WCPZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL185B AD-ADXL185B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
ADXL189B AD-ADXL189B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
More results

Podobny opis - ADXL180WCPZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com