Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL330_07 Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL330_07
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g i MEMS® Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXL330
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
35
0
5
10
15
20
25
30
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 5. X-Axis Zero g Bias at 25°C, VS = 3 V
40
35
0
5
10
15
20
25
30
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 6. Y-Axis Zero g Bias at 25°C, VS = 3 V
40
35
0
5
10
15
20
25
30
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 7. Z-Axis Zero g Bias at 25°C, VS = 3 V
16
14
0
2
4
6
8
10
12
0.95 0.96 0.97 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 1.06 1.07 1.08 1.09
OUTPUT (V)
Figure 8. X-Axis Zero g Bias at 25°C, VS = 2 V
16
14
0
2
4
6
8
10
12
0.95 0.96 0.97 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 1.06 1.07 1.08 1.09
OUTPUT (V)
Figure 9. Y-Axis Zero g Bias at 25°C, VS = 2 V
25
0
5
10
15
20
0.88 0.90 0.92 0.94 0.96 0.98 1.00 1.02 1.04 1.06 1.08 1.10 1.12 1.14 1.16
OUTPUT (V)
Figure 10. Z-Axis Zero g Bias at 25°C, VS = 2 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
STEVAL-MKI006V1MEMS 3-axis - ±2g/±8g digital output low power linear accelerometer evaluation board based on LIS302DL 1 2 3 4 STMicroelectronics
SCA3000-D013-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-D023-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E013-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E023-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E043-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E053-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
STEVAL-MKI004V1MEMS 3-axis - ±2g/±6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ 1 2 3 4 STMicroelectronics
LIS3LV02DL_08MEMS inertial sensor 3-axis - ±2g/±6g digital output low voltage linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
SP6122_04Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl